Electronic Components Datasheet Search
  English  ▼

X  

MAX4531CPP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4531CPP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4531CPP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4531CPP Datasheet HTML 8Page - Maxim Integrated Products MAX4531CPP Datasheet HTML 9Page - Maxim Integrated Products MAX4531CPP Datasheet HTML 10Page - Maxim Integrated Products MAX4531CPP Datasheet HTML 11Page - Maxim Integrated Products MAX4531CPP Datasheet HTML 12Page - Maxim Integrated Products MAX4531CPP Datasheet HTML 13Page - Maxim Integrated Products MAX4531CPP Datasheet HTML 14Page - Maxim Integrated Products MAX4531CPP Datasheet HTML 15Page - Maxim Integrated Products MAX4531CPP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
___________________________________________Ordering Information (continued)
*
Contact factory for availability.
TRANSISTOR COUNT: 255
SUBSTRATE CONNECTED TO V+
PART
TEMP. RANGE
PIN-PACKAGE
MAX4531CPP
0°C to +70°C
20 Plastic DIP
MAX4531CWP
0°C to +70°C
20 SO
MAX4531CAP
0°C to +70°C
20 SSOP
MAX4531C/D
0°C to +70°C
Dice*
MAX4531EPP
-40°C to +85°C
20 Plastic DIP
MAX4531EWP
-40°C to +85°C
20 SO
MAX4531EAP
-40°C to +85°C
20 SSOP
MAX4530EAP
-40°C to +85°C
20 SSOP
MAX4530EWP
-40°C to +85°C
20 SO
MAX4530EPP
-40°C to +85°C
20 Plastic DIP
__________________________________________________________Chip Topographies
PART
TEMP. RANGE
PIN-PACKAGE
MAX4532CPP
0°C to +70°C
20 Plastic DIP
MAX4532CWP
0°C to +70°C
20 SO
MAX4532CAP
0°C to +70°C
20 SSOP
MAX4532C/D
0°C to +70°C
Dice*
MAX4532EPP
-40°C to +85°C
20 Plastic DIP
MAX4532EWP
-40°C to +85°C
20 SO
MAX4532EAP
-40°C to +85°C
20 SSOP
NO4 (COMC)
0.081"
(2.06mm)
0.053"
(1.35mm)
COM
(NOA)
NO3 (NCB)
NO1 (NOB)
V+
NO2 (COMB)
NO7
(COMA)
NO5
(NCA)
EN1
EN2
( ) ARE FOR MAX4532
N.C.
NO0 (NOC)
NO6 (NCC)
ADDC
ADDB
V- GND LE ADDA
NO1A
0.081"
(2.06mm)
0.053"
(1.35mm)
COMB
NO2B
NO0B
V+
NO2A
NO3B
NO1B
EN1
EN2
COMA
NO0A
NO3A
ADDB
N.C.
V- GND LE ADDA
MAX4530/MAX4532
MAX4531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com