Electronic Components Datasheet Search
  English  ▼

X  

IRHE9130 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHE9130
Description  Simple Drive Requirements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHE9130 Datasheet(HTML) 2 Page - International Rectifier

  IRHE9130 Datasheet HTML 1Page - International Rectifier IRHE9130 Datasheet HTML 2Page - International Rectifier IRHE9130 Datasheet HTML 3Page - International Rectifier IRHE9130 Datasheet HTML 4Page - International Rectifier IRHE9130 Datasheet HTML 5Page - International Rectifier IRHE9130 Datasheet HTML 6Page - International Rectifier IRHE9130 Datasheet HTML 7Page - International Rectifier IRHE9130 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHE9130
Pre-Irradiation
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-100
—
—
V
VGS = 0 V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
-0.112 —
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source
—
—
0.30
VGS = -12V, ID = -4.1A
On-State Resistance
—
—
0.35
Ω
VGS = -12V, ID = -6.5A
VGS(th)
Gate Threshold Voltage
-2.0
—
-4.0
V
VDS = VGS, ID = -1.0mA
gfs
Forward Transconductance
2.5
—
—
S
VDS = -15V, IDS = -4.1A „
IDSS
Zero Gate Voltage Drain Current
—
—
-25
VDS = -80V,VGS = 0V
—
—
-250
VDS = -80V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
—
—
100
VGS = 20V
Qg
Total Gate Charge
—
—
45
VGS = -12V, ID = -6.5A
Qgs
Gate-to-Source Charge
—
—
10
nC
VDS = -50V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
25
td(on)
Turn-On Delay Time
—
—
30
VDD = -50V, ID = -6.5A,
tr
Rise Time
—
—
50
VGS = -12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
—
—
70
tf
Fall Time
—
—
70
LS + LD
Total Inductance
—
6.1
—
Ciss
Input Capacitance
—
1200
—
VGS = 0V, VDS = -25V
Coss
Output Capacitance
—
290
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
76
—
nA
„
nH
ns
µA
Note: Corresponding Spice and Saber models are available on International Rectifier Website.
For footnotes refer to the last page
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
—
—
5.0
RthJPCB
Junction-to-PC Board
—
19
—
Solder to a copper clad PC Board
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
-6.5
ISM
Pulse Source Current (Body Diode)
À
—
—
-26
VSD Diode Forward Voltage
—
—
-3.0
V
Tj = 25°C, IS = -6.5A, VGS = 0V Ã
trr
Reverse Recovery Time
—
—
250
ns
Tj = 25°C, IF = -6.5A, di/dt ≤ -100A/µs
QRR Reverse Recovery Charge
—
—
0.74
µC
VDD ≤ -50V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Measured from the center of
drain pad to center of source pad



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com