Electronic Components Datasheet Search
  English  ▼

X  

OPA180 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA180
Description  OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA180 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA180 Datasheet HTML 9Page - Texas Instruments OPA180 Datasheet HTML 10Page - Texas Instruments OPA180 Datasheet HTML 11Page - Texas Instruments OPA180 Datasheet HTML 12Page - Texas Instruments OPA180 Datasheet HTML 13Page - Texas Instruments OPA180 Datasheet HTML 14Page - Texas Instruments OPA180 Datasheet HTML 15Page - Texas Instruments OPA180 Datasheet HTML 16Page - Texas Instruments OPA180 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image










GM1
+IN
-IN
CHOP1
CHOP2
Notch
Filter
GM_FF
GM2
GM3
C2
C1
OUT
V+
V-
OPA180, OPA2180, OPA4180
www.ti.com
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
8 Detailed Description
8.1 Overview
The OPAx180 family of operational amplifiers combine precision offset and drift with excellent overall
performance, making them ideal for many precision applications. The precision offset drift of only 0.1 µV/°C
provides stability over the entire temperature range. In addition, the devices offer excellent overall performance
with high CMRR, PSRR, and AOL. As with all amplifiers, applications with noisy or high-impedance power
supplies require decoupling capacitors close to the device pins. In most cases, 0.1-µF capacitors are adequate.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Operating Characteristics
The OPAx180 family of amplifiers is specified for operation from 4 V to 36 V (±2 V to ±18 V). Many of the
specifications apply from –40°C to 105°C. Parameters that can exhibit significant variance with regard to
operating voltage or temperature are presented in the Typical Characteristics.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA180 OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com