Electronic Components Datasheet Search
  English  ▼

X  

MAX4550CWI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4550CWI
Description  Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4550CWI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4550CWI Datasheet HTML 1Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 2Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 3Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 4Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 5Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 6Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 7Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 8Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Serially Controlled, Dual 4x2, Clickless
Audio/Video Analog Crosspoint Switches
_______________________________________________________________________________________
3
ANALOG ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±5%, V- = -5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
fIN = 1MHz,
CONDITIONS
pF
11
COFF(NO)
Off-Capacitance
-78
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Shunt switch on
Shunt switch off
VNO_ _ or VS_ = 1VRMS,
fIN = 4MHz, RL = 1kΩ,
S_ = GND
dB
-63
VISO(V)
Off-Isolation
RS = 75Ω, RL = 1kΩ
MHz
14
BW
0.1dB Bandwidth
VNO_ _ or VS_ = 1.5V, RL = 300Ω
VNO_ _ or VS_ = 1.5V, RL = 5kΩ
ns
200
500
tOFFSD
Turn-Off Time (Note 9)
ns
400
900
tONSD
Turn-On Time (Note 9)
VNO_ _ or VS_ = 1.5V
ns
10
100
tBBM
Break-Before-Make Time
VNO_ _ or VS_ = 1.5V, RL = 300Ω
VNO_ _ or VS_ = 1.5V, RL = 5kΩ
ms
11
tOFFSE
Turn-Off Time
ms
36
tONSE
Turn-On Time
BIASH to BIASL
k
Ω
13
20
27
RBIAS
Bias Network Resistance
Reset condition, V+ = 2.7V to 5.25V
µA
7
20
I+
V+ Supply Current (Note 10)
V+
Reset condition, V- = -5.25V to 0
µA
-20
I-
V- Supply Current
VNO_ _ or VS_ = 1VRMS, fIN = 4MHz,
RL = 10Ω, three channels driven at 4MHz
dB
-54
VCT(V)
Channel-to-Channel Crosstalk
V
2.7
5.25
V-
Supply Voltage Range
-5.25
0
ANALOG ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±5%, V- = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ICOM_ _ = 4mA,
VNO_ _ or VS_ = 3.0V,
V+ = 4.75V
ICOM_ _ = 4mA,
VNO_ _ or VS_ = 3.0V,
V+ = 4.75V
Ω
5
10
∆RON
On-Resistance Match Between
Channels (Note 4)
CONDITIONS
VNO or VS_ = 4.5V, 1V;
VCOM_ _ = 1V, 4.5V;
V+ = 5.25V
nA
-1
0.01
1
INO_ _(OFF)
NO_ _ or S_ Off-Leakage
Current (Notes 6, 11)
TA = +25°C
TA = TMIN to TMAX
-10
10
ICOM_ _ = 4mA;
VNO_ _ or VS_ = 1V, 2V,
3V; V+ = 4.75V
Ω
4
10
Ω
60
100
RON
On-Resistance
V
0
V+
VNO_ _,
VCOM_ _,
VS_
Analog Signal Range (Note 3)
RFLAT
On-Resistance Flatness
(Note 5)
TA = +25°C
TA = TMIN to TMAX
15
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
130
TA = TMIN to TMAX
10
VIDEO PERFORMANCE
DYNAMIC TIMING WITH CLICKLESS MODE DISABLED (Note 8)
DYNAMIC TIMING WITH CLICKLESS MODE ENABLED (Note 8, Figure 5)
BIAS NETWORKS
POWER SUPPLIES
ANALOG SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com