Electronic Components Datasheet Search
  English  ▼

X  

MAX4530EAP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4530EAP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530EAP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4530EAP Datasheet HTML 4Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 5Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 6Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 7Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 8Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 9Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 10Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 11Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
8
_______________________________________________________________________________________
______________________________________________________________Pin Description
COMA
17
—
NCA
—
—
EN1
7
7
EN2
8
8
V-
9
9
N.C.
3, 14
3, 14
COM
—
4
COMB
4
—
NOA
—
—
NCB
—
—
NOB
—
—
PIN
NO0B–NO3B
1, 2, 6, 5
—
NO0–NO7
—
17, 1, 19, 2,
18, 6, 16, 5
Analog Switch “A” Common
Analog Switch “A” Normally Closed Input
Enable Logic Input #1 (see
Truth Table).
Enable Logic Input #2 (see
Truth Table).
Negative Analog Supply Voltage Input. Connect
to GND for single supply operation.
Not Internally Connected
Analog Switch Common
Analog Switch “B” Common
Analog Switch “A” Normally Open Input
Analog Switch “B” Normally Closed Input
Analog Switch “B” Normally Open Input
Analog Switch “B” Inputs 0–3
Analog Switch Inputs 0–7
5
6
7
8
9
3, 14
—
19
4
2
1
—
—
MAX4531
MAX4530
MAX4532
GND
10
10
Negative Digital Supply Voltage Input. Connect
to digital ground. (Analog signals have no
ground
10
LE
11
11
Address Latch Logic Input (see
Truth Table).
11
ADDA
12
12
Address “A” Logic Input (see
Truth Table).
12
ADDB
13
13
Address “B” Logic Input (see
Truth Table).
13
ADDC
—
15
Address “C” Logic Input (see
Truth Table).
15
NO0A–NO3A
16, 19, 18, 15
—
Analog Switch “A” Inputs 0–3
—
NCC
—
—
Analog Switch “C” Normally Closed Input
16
NOC
—
—
Analog Switch “C” Normally Open Input
17
COMC
—
—
Analog Switch “C” Common
18
FUNCTION
NAME
V+
20
20
Positive Analog and Digital Supply-Voltage
Input
20
NO_, NC_ and COM_ pins are identical and interchangeable. Either may be considered as an input or output; signals pass equally
well in both directions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com