Electronic Components Datasheet Search
  English  ▼

X  

MAX456 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX456
Description  8 x 8 Video Crosspoint Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX456 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX456 Datasheet HTML 1Page - Maxim Integrated Products MAX456 Datasheet HTML 2Page - Maxim Integrated Products MAX456 Datasheet HTML 3Page - Maxim Integrated Products MAX456 Datasheet HTML 4Page - Maxim Integrated Products MAX456 Datasheet HTML 5Page - Maxim Integrated Products MAX456 Datasheet HTML 6Page - Maxim Integrated Products MAX456 Datasheet HTML 7Page - Maxim Integrated Products MAX456 Datasheet HTML 8Page - Maxim Integrated Products MAX456 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8 x 8 Video Crosspoint Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V-) ...........................................+12V
Positive Supply Voltage V+ Referred to AGND......-0.3V to +12V
Negative Supply Voltage V- Referred to AGND .....-12V to +0.3V
DGND Voltage.........................................................AGND ±0.3V
Buffer Short Circuit to Ground when
Not Exceeding Package Power Dissipation .............Indefinite
Analog Input Voltage ............................(V+ + 0.3V) to (V- - 0.3V)
Digital Input Voltage .............................(V+ + 0.3V) to (V- - 0.3V)
Input Current, Power On or Off
Digital Inputs.................................................................±20mA
Analog Inputs ...............................................................±50mA
Continuous Power Dissipation (TA = +70°C)
40-Pin Plastic DIP (derate 11.3mW/°C above +70°C)....889mW
40-Pin CERDIP (derate 20.0mW/°C above +70°C)....1600mW
44-Pin PLCC (derate 13.3mW/°C above +70°C) .......1066mW
Operating Temperature Ranges:
MAX456C _ _ ......................................................0°C to +70°C
MAX456E _ _ ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10 sec) ............................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = 5.0V, V- = -5.0V, -1.3V
≤ VIN ≤ +1.3V; LOAD = +5V; internal load resistors on; AGND = DGND = 0V; TA = +25°C,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
39
45
Operating Supply Voltage
±4.5
±5.5
V
Offset Voltage Drift
TA = TMIN to TMAX
20
µV/°C
Buffer Offset Voltage
TA = +25°C
±7
Supply Current, All Buffers On
(No External Load)
TA = TMIN to TMAX
60
mA
1.5
3.0
Supply Current, All Buffers Off
TA = TMIN to TMAX
4
mA
Power-Supply Rejection Ratio
±4.5V to ±5.5V, DC measurement
50
64
dB
Input Voltage Range
-1.3
1.3
V
TA = TMIN to TMAX
0.99
1.0
1.01
Voltage Gain
0.98
1.0
1.02
V/V
Analog Input Current
±0.1
±10
nA
Output Leakage Current
Internal load resistors off, all buffers
off, TA = TMIN to TMAX
±100
nA
Internal load
resistors on, no
external load,
VIN = 0V to 1V
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
±12
mV
TA = +25°C
TA = +25°C
250
400
600
Internal Amplifier Load Resistor
(LOAD Pin = 5V)
TA = TMIN to TMAX
200
765
Ω
Buffer Output Voltage Swing
Internal load resistors on, no external load
±1.3
V
Digital Input Current
TA = TMIN to TMAX
±1
Output Impedance at DC
10
Ω
Input Logic Low Threshold
0.8
V
Input Logic High Threshold
2.4
V
SER OUT Output Logic Low
0.4
SER OUT Output Logic High
4
V
Serial mode,
SER/
–
P
—
A
—
R
–
= 5V
IOH = -0.4mA
IOL = 1.6mA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com