Electronic Components Datasheet Search
  English  ▼

X  

MAX4562EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4562EEE
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4562EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4562EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4562EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
_______________________________________________________________________________________
9
Figure 2. Switching Time
DECODER/
CONTROLLER
DECODER/
CONTROLLER
2/3
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
NO_ _
RL
GND
COM_
V+
2/3
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
a) OFF-ISOLATION
b) CROSSTALK
NO2A
RL
GND
COM1
NO1 B
50
Ω
COM2
N.C.
V+
MAX4562
MAX4563
RL
300
Ω
CL
35pF
VOUT
VNO_ _
V+
10nF
V+
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM [RL / (RL + RON)]
2 OR 3
SERIAL
INTERFACE
DECODER/
CONTROLLER
µP
3-WIRE
2-WIRE
SCL
CS
3V
0
VOUT
0
VOUT
0
3V
0
VOUT
0
VOUT
0
50%
50%
tON
tON
tOFF
tOFF
-0.5V
VOUT - 0.5V
0.9 • VOUT
0.1 • VOUT
tR < 20ns
tF < 20ns
ACKNOWLEDGE
BIT
COM _
NO_ _
MAX4562
MAX4563
Figure 1. Off-Isolation and Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com