Electronic Components Datasheet Search
  English  ▼

X  

MAX4540EPP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4540EPP
Description  Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4540EPP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4540EPP Datasheet HTML 12Page - Maxim Integrated Products MAX4540EPP Datasheet HTML 13Page - Maxim Integrated Products MAX4540EPP Datasheet HTML 14Page - Maxim Integrated Products MAX4540EPP Datasheet HTML 15Page - Maxim Integrated Products MAX4540EPP Datasheet HTML 16Page - Maxim Integrated Products MAX4540EPP Datasheet HTML 17Page - Maxim Integrated Products MAX4540EPP Datasheet HTML 18Page - Maxim Integrated Products MAX4540EPP Datasheet HTML 19Page - Maxim Integrated Products MAX4540EPP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Low-Voltage, Single 8-to-1 and
Dual 4-to-1 Cal-Multiplexers
16
______________________________________________________________________________________
CAL,
GND
LATCH,
EN
+5V
-5V
V+
A2
V-
A1
A0
NO8
MAX4539
CHANNEL
SELECT
NO1
COM
1MHz
CAPACITANCE
ANALYZER
f = 1MHz
CAL,
GND
LATCH,
EN
+5V
-5V
V+
V-
A1
A0
NO4A
MAX4540
CHANNEL
SELECT
NO1A
COMA
1MHz
CAPACITANCE
ANALYZER
f = 1MHz
Figure 6. NO_/COM_ Capacitance
Test Circuits/Timing Diagrams (continued)
LATCH
VIH
VIL
ADDRESS (A_)
tS
tMPW
50%
50%
tH
V+
V-
GND
V+
V-
A1
A2
CAL
EN
+3V
COM
LATCH
A0
MAX4539
NO2
NO1, NO3-NO8
Figure 7. Setup Time, Hold Time, Latch Pulse Width
Figure 8. Enable Setup Time
LATCH
EN
50%
50%
50%
tES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com