Electronic Components Datasheet Search
  English  ▼

X  

MAX4565CAP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4565CAP
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4565CAP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4565CAP Datasheet HTML 1Page - Maxim Integrated Products MAX4565CAP Datasheet HTML 2Page - Maxim Integrated Products MAX4565CAP Datasheet HTML 3Page - Maxim Integrated Products MAX4565CAP Datasheet HTML 4Page - Maxim Integrated Products MAX4565CAP Datasheet HTML 5Page - Maxim Integrated Products MAX4565CAP Datasheet HTML 6Page - Maxim Integrated Products MAX4565CAP Datasheet HTML 7Page - Maxim Integrated Products MAX4565CAP Datasheet HTML 8Page - Maxim Integrated Products MAX4565CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MAX4565
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
_______________________________________________________________________________________
3
VIN = 5Vp-p, f < 20kHz,
600
Ω in and out
Figure 6, RL = 50Ω
VNO_ = GND, f = 1MHz, Figure 7
CL = 1.0nF, VNO_ = 0V, RS = 0Ω,
Figure 5
VCOM_ = ±3V, V+ = 5V, V- = -5V,
Figure 4
VCOM_ = ±3V, V+ = 5V, V- = -5V,
Figure 3
VCOM_ = ±3V, V+ = 5V, V- = -5V,
Figure 3
CONDITIONS
%
0.02
THD+N
Distortion
MHz
350
BW
-3dB Bandwidth (Note 9)
-83
6
COM_ Off Capacitance
pF
2.5
CN_(OFF)
NO_, NC_ Off Capacitance
pC
25
60
Q
Charge Injection
(Note 3)
ns
5
30
tBBM
Break-Before-Make Time Delay
(MAX4566/MAX4567 only)
ns
30
100
tOFF
Turn-Off Time
ns
75
150
tON
Turn-On Time
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
V- = -5.5V
V+ = 5.5V, all VIN_ = 0V or V+
µA
-1
0.05
1
I-
V - Supply Current
µA
-1
0.05
1
I+
V+ Supply Current
V
-6
+6
V+, V-
Power-Supply Range
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
TA
+25°C
+25°C
C, E
2.5
VCOM_ = 0V,
f = 1MHz,
Figure 7
pF
CCOM_(OFF)
+25°C
6
VCOM_ = VNO_ = 0V,
f = 1MHz, Figure 7
pF
7
CCOM_(ON)
COM_ On Capacitance
+25°C
-82
RL = 50Ω,
VCOM_ = 1VRMS,
f = 10MHz, Figure 6
dB
-83
VISO
Off Isolation (Note 7)
+25°C
MAX4565
MAX4566
MAX4567
MAX4565
MAX4566
MAX4567
C, E
-10
10
C, E
-10
10
C, E
120
C, E
200
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VINL = 0.8V, VINH = 2.4V, VGND_ = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
MAX4565,
MAX4566
-92
MAX4565
MAX4566
MAX4567
-85
RL = 50Ω, VCOM_ =
1VRMS, f = 10MHz,
Figure 6
dB
-87
VCT
Channel-to-Channel Crosstalk
(Note 8)
+25°C
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com