Electronic Components Datasheet Search
  English  ▼

X  

MAX458 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX458
Description  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX458 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX458 Datasheet HTML 1Page - Maxim Integrated Products MAX458 Datasheet HTML 2Page - Maxim Integrated Products MAX458 Datasheet HTML 3Page - Maxim Integrated Products MAX458 Datasheet HTML 4Page - Maxim Integrated Products MAX458 Datasheet HTML 5Page - Maxim Integrated Products MAX458 Datasheet HTML 6Page - Maxim Integrated Products MAX458 Datasheet HTML 7Page - Maxim Integrated Products MAX458 Datasheet HTML 8Page - Maxim Integrated Products MAX458 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
8x4 Video Crosspoint Switches with Buffers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, -2V ≤ VIN ≤ +2V, output load resistor (RL) = 150Ω, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Total Supply Voltage (VCC to VEE) .........................................12V
Positive Supply Voltage (VCC to GND).....................................6V
Negative Supply Voltage (VEE to GND) ...................................6V
Analog Input/Output Voltage ...........(VCC + 0.3V) to (VEE - 0.3V)
Digital Input Voltage ...................................(VCC + 0.3V) to -0.3V
Duration of Output Short Circuit to GND (Note 1) ......Continuous
Continuous Power Dissipation
Plastic DIP (derate 17mW/°C above +70°C) ..............1333mW
PLCC (derate 13mW/°C above +70°C) ......................1067mW
Operating Temperature Ranges
MAX45_C_ _ ........................................................0°C to +70°C
MAX45_E_ _......................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
(Note 5)
(Note 5)
Any channel
VIN = 0V,
all amplifiers enabled
MAX458 (Note 3)
VIN = 0V (Note 2)
VIN = 0V, input programmed to one output
Input programmed to one output
VIN = 10MHz sine wave
Input channel on or off
VIN = 1kHz sine wave
CONDITIONS
V
0.8
VIL
Logic Input Low Voltage
V
2.0
VIH
Logic Input High Voltage
mA
15
26
Positive Supply Current in
Shutdown
50
100
mA
60
75
85
ICC
Positive Power-Supply Current
pF
12
COUT
Disabled Output Capacitance
4.0
Ω
0.05
ROUT
Enabled Output Resistance
20
mV
515
VOS
Input Offset Voltage
V
±2
±3
VOUT
Output Voltage Swing
1.0
0.1
0.5
mV
310
∆VOS
Input Offset Voltage Match
µA
±1
±5
IIN
On Input Bias Current
M
Ω
0.50
5.0
RIN
On Input Resistance
pF
7
CIN
Input Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Outputs may be shorted to any supply pin or ground as long as package power dissipation ratings are not exceeded.
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
MAX459 (Note 4)
TA = TMIN to TMAX
2.0
%
0.1
1.0
DC Voltage Gain Accuracy
MAX459
MAX458
0.70
1.0
M
Ω
0.25
1.0
ROUT
Disabled Output Resistance
TA = +25°C
TA = TMIN to TMAX
VIN = 0V,
all amplifiers enabled
40
90
TA = +25°C
TA = TMIN to TMAX
mA
50
65
75
IEE
Negative Power-Supply Current
mA
712
Negative Supply Current in
Shutdown
k
Ω
V
-2
+2
Input Voltage Range
VS = ±4.75V to ±5.25V
dB
50
60
PSRR
Power-Supply Rejection Ratio
STATIC SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com