Electronic Components Datasheet Search
  English  ▼

X  

MAX4552ESE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4552ESE
Description  짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4552ESE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4552ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4552ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4552ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4552ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4552ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4552ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4552ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4552ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4552ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
±15kV ESD-Protected, Quad,
Low-Voltage, SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V, ±10%, V- = -5V, ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Channel-to-Channel Crosstalk
(Note 8)
VCT
C, E
VIN_ = 0.8V or 2.4V
µA
-1
0.03
1
IINH_, IINL_
IN_ Input Current Logic High
or Low
RL = 50Ω, CL = 15pF,
VN_ = 1VRMS, f = 100kHz,
Figure 5
+25°C
< -90
+25°C
70
110
dB
Turn-On Time
CONDITIONS
C, E
tON
C, E
VCOM_ = ±3V, V+ = 5V,
V- = -5V, Figure 1
V
1.6
0.8
VIN_L
IN_ Input Logic Threshold Low
V
2.4
1.6
VIN_H
IN_ Input Logic Threshold High
C, E
125
ns
+25°C
50
90
Turn-Off Time
tOFF
VCOM_ = ±3V, V+ = 5V,
V- = -5V, Figure 1
C, E
100
ns
Break-Before-Make Time Delay
(MAX4553 Only)
tBBM
VCOM_ = ±3V, V+ = 5V,
V- = -5V, Figure 2
+25°C
520
ns
Charge Injection (Note 3)
Q
CL = 1nF, VNO_ = 0, RS = 0,
Figure 3
+25°C
25
pC
NO_, NC_ Off-Capacitance
CN_(OFF)
VNO_ = GND, f = 1MHz,
Figure 6
+25°C
3.5
pF
COM_ Off-Capacitance
CCOM_(OFF)
VCOM_ = GND, f = 1MHz,
Figure 6
+25°C
3
pF
COM_ On-Capacitance
CCOM_(ON)
VCOM_ = VNO_ = GND,
f = 1MHz, Figure 7
+25°C
10
pF
Off-Isolation (Note 7)
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
VISO
RL = 50Ω, CL = 15pF,
VN_ = 1VRMS, f = 100kHz,
Figure 4
+25°C
< -90
dB
TA
Power-Supply Range
V+, V-
C, E
±2
±6
V
+25°C
-1
0.05
1
V+ Supply Current
I+
V+ = 5.5V, all VIN_ = 0 or V+
C, E
-1
1
µA
+25°C
-1
0.05
1
V- Supply Current
I-
V- = -5.5V
C, E
-1
1
µA
+25°C
±8
Contact Discharge IEC 1000-4-2
kV
+25°C
±15
On NC_ and NO_ Pins
per IEC 801-2
Air Discharge IEC 1000-4-2
+25°C
±15
Human Body Model
+25°C
±2.5
All Pins
MIL-STD-883C Method 3015
kV
SWITCH DYNAMIC CHARACTERISTICS
LOGIC INPUT
ESD PROTECTION
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com