Electronic Components Datasheet Search
  English  ▼

X  

MAX4565EAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4565EAP
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4565EAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4565EAP Datasheet HTML 8Page - Maxim Integrated Products MAX4565EAP Datasheet HTML 9Page - Maxim Integrated Products MAX4565EAP Datasheet HTML 10Page - Maxim Integrated Products MAX4565EAP Datasheet HTML 11Page - Maxim Integrated Products MAX4565EAP Datasheet HTML 12Page - Maxim Integrated Products MAX4565EAP Datasheet HTML 13Page - Maxim Integrated Products MAX4565EAP Datasheet HTML 14Page - Maxim Integrated Products MAX4565EAP Datasheet HTML 15Page - Maxim Integrated Products MAX4565EAP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
______________________________________________________________________________________
13
50%
tBBM
tR < 20ns
tF < 20ns
V+
0V
VIN_
VOUT
VOUT
V+
IN_
* COM2
* COM3
* NC3
* N02
3V
* REPEAT TEST FOR OTHER PAIR OF SWITCHES.
50
Ω
MAX4566
RL = 300Ω
80%
ALL GND_ PINS ARE CONNECTED TO GROUND PLANE (OV).
V+ IS CONNECTED TO GND (OV) FOR SINGLE-SUPPLY OPERATION.
0V
VIN_
+5V
10nF
GND_
V-
10nF
-5V
VOUT
V+
IN_
**NO_
**NC_
**COM_
1V
** REPEAT TEST FOR OTHER SWITCH.
50
Ω
MAX4567
RL = 300Ω
VIN_
+5V
10nF
GND_
V-
10nF
-5V
Figure 4. Break-Before-Make Interval (MAX4566/MAX4567 only)
_________________________________Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com