Electronic Components Datasheet Search
  English  ▼

X  

MAX4589 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4589
Description  Low-Voltage, High-Isolation, Dual 2-Channel RF/Video Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4589 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4589 Datasheet HTML 1Page - Maxim Integrated Products MAX4589 Datasheet HTML 2Page - Maxim Integrated Products MAX4589 Datasheet HTML 3Page - Maxim Integrated Products MAX4589 Datasheet HTML 4Page - Maxim Integrated Products MAX4589 Datasheet HTML 5Page - Maxim Integrated Products MAX4589 Datasheet HTML 6Page - Maxim Integrated Products MAX4589 Datasheet HTML 7Page - Maxim Integrated Products MAX4589 Datasheet HTML 8Page - Maxim Integrated Products MAX4589 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Low-Voltage, High-Isolation,
Dual 2-Channel RF/Video Multiplexer
_______________________________________________________________________________________
5
C, E
C, E
900
350
Figure 5
MHz
100
BW
-3dB Bandwidth
VNO_ = 1VRMS, f = 10MHz,
Figure 5
VNO_ = 1VRMS, f = 10MHz,
all channels off, Figure 5
VNO__ = 3V, V+ = 5.5V,
Figure 2
+25°C
VNO__ = 3V, V+ = 4.5V,
Figure 1
VNO__ = 3V, V+ = 4.5V,
Figure 1
Figure 5
MHz
ISOURCE = -1mA
CL = 1.0nF, VNO_ = 2.5V,
RS = 0, Figure 3
CONDITIONS
75
10
BW
-0.1dB Bandwidth
4-channel mode
+25°C
2-channel mode
7
4-channel mode
2-channel mode
Figure 6
ns
80
tDS
A_, EN to LE Rise Setup Time
C, E
Figure 6
ns
0
tDH
A_, EN to LE Rise Hold Time
C, E
dB
-70
VCT
Channel-to-Channel Crosstalk
dB
-65
VISO
Off-Isolation
pC
5
Q
Charge Injection
Figure 6
ns
80
tL
LE Low Pulse Width
+25°C
+25°C
ns
10
200
tBBM
Break-Before-Make Time Delay
(Note 3)
C, E
Figure 6
ns
80
ns
150
300
tOFF
Turn-Off Time
ns
550
800
tON
Turn-On Time
tRS
RS Low Pulse Width
C, E
V
VL - 1
VOH
DOUT Logic High Output
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
C, E
+25°C
+25°C
C, E
+25°C
TA
ISINK = 3.2mA
V
0.4
VOL
DOUT Logic Low Output
C, E
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = VL = +4.5V to +5.5V, V- = 0, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA
= +25°C, V+ = VL = +5V.) (Note 2)
V
2.4
1.7
VINH
Input Logic Threshold High
C, E
V
0.2
Input Threshold Hysteresis
VIN = 0 or VL
µA
-1
1
IIN
Input Current
C, E
V
1.5
0.8
VINL
Input Logic Threshold Low
C, E
LOGIC INPUTS (2/4
4, RS, LE/CS, A1/SCLK, AO/DOUT, EN, DIN, SER/PAR
LOGIC OUTPUT (SERIAL INTERFACE)
SWITCH DYNAMIC CHARACTERISTICS
PARALLEL-INTERFACE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com