Electronic Components Datasheet Search
  English  ▼

X  

MAX4588CWI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4588CWI
Description  Low-Voltage, High-Isolation, Dual 4-Channel RF/Video Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4588CWI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4588CWI Datasheet HTML 12Page - Maxim Integrated Products MAX4588CWI Datasheet HTML 13Page - Maxim Integrated Products MAX4588CWI Datasheet HTML 14Page - Maxim Integrated Products MAX4588CWI Datasheet HTML 15Page - Maxim Integrated Products MAX4588CWI Datasheet HTML 16Page - Maxim Integrated Products MAX4588CWI Datasheet HTML 17Page - Maxim Integrated Products MAX4588CWI Datasheet HTML 18Page - Maxim Integrated Products MAX4588CWI Datasheet HTML 19Page - Maxim Integrated Products MAX4588CWI Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Power-On Reset (POR)
The MAX4588 has internal circuitry to guarantee a
known state on power-up. In the default state, A0 = A1
= A2 = 0, disable = 1, and all switches are off. This
state is equivalent to asserting RS during normal opera-
tion.
Serial Operation
The serial mode is activated by driving the SER/PAR
input pin to a logic high. The data is then entered using a
normal SPI/MICROWIRE write operation. Refer to Figure
7 for a detailed diagram of the serial-interface logic.
There are four flip-flops in the shift register, with the out-
put of the fourth shift register being output on the DOUT
pin. Note: DOUT changes on the rising edge of SCLK.
This allows cascading of multiple MAX4588s using only
one chip-select line. For example, one 16-bit write could
load the shift registers of four cascaded MAX4588s. The
data from the shift register is moved to the internal con-
trol latches only upon the rising edge of CS, so all four
MAX4588s change state simultaneously.
Parallel Operation
The parallel mode is activated by driving SER/PAR to a
logic low. The MAX4588 is programmed by a latched
parallel bus scheme. Refer to Figure 6 for a detailed
diagram of the parallel-interface logic. Note that 4/8 is
not latched. It is best to hard-wire 4/8 to a known state
for the desired mode of operation, or to use a dedicat-
ed microcontroller port pin.
Low-Voltage, High-Isolation,
Dual 4-Channel RF/Video Multiplexer
16
______________________________________________________________________________________
Parallel Operation
Connects NO5 to COM2
1
0
Connects NO6 to COM2
1
0
Connects NO7 to COM2
1
0
Connects NO8 to COM2
1
0
Connect NO1 to COM1 and NO5 to COM2
x
0
Connects NO1 to COM1
0
0
Connects NO2 to COM1
0
0
Connects NO3 to COM1
0
0
Connects NO4 to COM1
0
0
All switches off.
x
0
Serial Mode. Refer to
Serial Operation
Truth Table.
x
1
SER/PAR
All switches off, latches are cleared.
x
x
Maintain previous state.
x
0
SWITCH STATES
A2
0
0
1
1
0
0
0
1
1
x
x
x
x
A1
0
1
0
1
0
0
1
0
1
x
x
x
x
A0
1
1
1
1
1
1
1
1
1
0
x
x
x
EN
0
0
0
0
0
0
0
0
0
0
x
x
1
LE
1
1
1
1
1
1
1
1
1
1
1
0
1
RS
0
0
0
0
1
0
0
0
0
x
x
x
x
4/8
8
Connect NO2 to COM1 and NO6 to COM2
x
0
Connect NO3 to COM1 and NO7 to COM2
x
0
Connect NO4 to COM1 and NO8 to COM2
x
0
0
1
1
1
0
1
1
1
1
0
0
0
1
1
1
1
1
1
x = Don’t Care
Note: 4/8 is not latched when LE is high. When LE is low, all latches are transparent. A2, A1, A0, and EN are latched.
Connect COM1 to COM2 externally for 1-of-8 single-ended operation.
Truth Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com