Electronic Components Datasheet Search
  English  ▼

X  

MAX4573CWI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4573CWI
Description  Serially Controlled, Clickless Audio/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4573CWI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4573CWI Datasheet HTML 8Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 9Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 10Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 11Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 12Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 13Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 14Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 15Page - Maxim Integrated Products MAX4573CWI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
______________________________________________________________________________________
13
SCL
SDA
tLOW
tHIGH
tF
tR
tHD, STA
tHD, DAT
tHD, STA
tSU, DAT
tSU, STA
tBUF
tSU, STO
START CONDITION
STOP CONDITION
REPEATED START CONDITION
START CONDITION
20%
70%
20%
70%
20%
70%
20%
70%
20%
70%
20%
70%
20%
70%
70%
20%
70%
70%
70%
Figure 3. 2-Wire Serial-Interface Timing Diagram
START CONDITION
STOP CONDITION
FIRST DATA BYTE
SECOND DATA BYTE
COMMAND BYTE
ADDRESS BYTE
SCL
SDA
MSB
MSB
MSB
MSB
LSB
LSB
LSB
LSB
ACK
ACK
ACK
ACK
Figure 4. A Complete 2-Wire Serial-Interface Transmission
Table 4. 3-Wire Serial-Interface Data Format
D15
C1
D14
C0
D12
X
D13
X
D10
SW11
D11
D8
SW9
X
D9
SW10
D6
SW7
D7
D4
SW5
SW8
D5
SW6
D2
SW3
MAX4573 (11 SPST)
D3
D0
SW1
SW4
D1
SW2
COMMAND
SWITCH CONTROL
MSB
LSB
COMMAND
D14
C0
D15
D12
SW5
C1
D13
SW8
D10
SW7A
D11
D8
SW6A
SW7B
SWITCH CONTROL
D9
SW6B
D6
SW4A
D7
D4
SW3A
SW4B
D5
SW3B
D2
SW2A
MAX4574 (6 SPDT + 2 SPST)
D3
D0
SW1A
SW2B
MSB
LSB
D1
SW1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com