Electronic Components Datasheet Search
  English  ▼

X  

MAX4591CPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4591CPE
Description  High-Speed, Single-Supply, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4591CPE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4591CPE Datasheet HTML 3Page - Maxim Integrated Products MAX4591CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4591CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4591CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4591CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4591CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4591CPE Datasheet HTML 9Page - Maxim Integrated Products MAX4591CPE Datasheet HTML 10Page - Maxim Integrated Products MAX4591CPE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
High-Speed, Single-Supply,
Quad, SPST Analog Switches
_______________________________________________________________________________________
7
VGEN
GND
NC_ OR
NO_
CL
VOUT
V-
V+
VOUT
IN
OFF
ON
OFF
∆VOUT
Q = (
∆VOUT)(CL)
COM_
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN
VIN = 0 TO +5V
V+
RGEN
IN_
MAX4591
MAX4593
MAX4593
Figure 4. Charge Injection
tr < 20ns
tf < 20ns
50%
0
LOGIC
INPUT
V-
RL
300
Ω
NO_
OR NC_
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN_
+5V
tOFF
0
COM_
SWITCH
OUTPUT
0.9 · V0UT
0.9 · VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
35pF
V+
VOUT
VCOM
MAX4591
MAX4592
MAX4593
50%
0.9 · V0UT1
+5V
0
0
LOGIC
INPUT
SWITCH
OUTPUT 2
(VOUT2)
0
0.9 · VOUT2
tD
tD
LOGIC
INPUT
V-
RL2
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
COM_
IN_
COM_
VOUT2
V+
V+
CL2
VCOM1 = +10V
RL1
VOUT1
CL1
RL = 300
Ω
CL = 35pF
NO_
NC_
SWITCH
OUTPUT 1
(VOUT1)
MAX4593
VCOM2 = +10V
Figure 2. Switching Time
Figure 3. Break-Before-Make Interval (MAX4593 Only)
Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com