Electronic Components Datasheet Search
  English  ▼

X  

MAX4614CSD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4614CSD
Description  Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4614CSD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4614CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 9Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 10Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 11Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Low-Voltage, High-Speed, Quad, SPST
CMOS Analog Switches
8
_______________________________________________________________________________________
Applications Information
Power-Supply Sequencing and
Overvoltage Protection
Do not exceed the absolute maximum ratings because
stresses beyond the listed ratings may cause perma-
nent damage to the devices.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals or logic inputs, especially if the analog
or logic signals are not current limited. If this sequenc-
ing is not possible, and if the analog or logic inputs are
not current limited to 20mA, add a small-signal diode
(D1) as shown in Figure 1. If the analog signal can dip
below GND, add D2. Adding protection diodes
reduces the analog signal range to a diode drop (about
0.7V) below V+ (for D1), and to a diode drop above
ground (for D2). Leakage is unaffected by adding the
diodes. On-resistance increases by a small amount at
low supply voltages. Maximum supply voltage (V+)
must not exceed 6V.
Adding protection diodes causes the logic thresholds
to be shifted relative to the power-supply rails. This can
be significant when low supply voltages (+5V or less)
are used. With a +5V supply, TTL compatibility is not
guaranteed when protection diodes are added. Driving
IN1 and IN2 all the way to the supply rails (i.e., to a
diode drop higher than the V+ pin, or to a diode drop
lower than the GND pin) is always acceptable.
Protection diodes D1 and D2 also protect against some
overvoltage situations. With Figure 1’s circuit, if the sup-
ply voltage is below the absolute maximum rating, and
if a fault voltage up to the absolute maximum rating is
applied to an analog signal pin, no damage will result.
POSITIVE SUPPLY
COM_
NO_
Vg
V+
D1
D2
MAX4614
MAX4615
MAX4616
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
tR < 20ns
tF < 20ns
50%
50%
0
LOGIC
INPUT
RL
300
Ω
NO_, NC_
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN_
VINH
tOFF
0
COM_
SWITCH
OUTPUT
0.9
· V0UT
0.9
· VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
V+
CL
35pF
V+
VOUT
VCOM_
MAX4614
MAX4615
MAX4616
Figure 2. Switching Time
______________________________________________Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com