Electronic Components Datasheet Search
  English  ▼

X  

MAX4582EEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4582EEE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4582EEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4582EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4582EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4582EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4582EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4582EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4582EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4582EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4582EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4582EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
______________________________________________________________________________________
15
16 Narrow SO
-40°C to +85°C
MAX4582ESE
16 Plastic DIP
Dice*
0°C to +70°C
-40°C to +85°C
MAX4582EPE
MAX4582C/D
16 QSOP
16 Narrow SO
16 Plastic DIP
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX4582CEE
MAX4582CSE
MAX4582CPE
16 QSOP
Dice*
0°C to +70°C
-40°C to +85°C
MAX4581EEE
MAX4581C/D
16 QSOP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
MAX4581CEE
PART
*
Contact factory for availability.
__________________________________________________________Chip Topographies
TRANSISTOR COUNT: 219
SUBSTRATE CONNECTED TO V+.
X
X7
X5
Enable
N.C.
X1
VCC
VEE
GND
C
B
X4
X6
X2
X0
X3
A
0.053"
(1.35mm)
0.069"
(1.75mm)
MAX4581
_Ordering Information (continued)
TRANSISTOR COUNT: 219
SUBSTRATE CONNECTED TO V+.
Y
Y3
Y1
Enable
X
X1
VCC
VEE
GND
B
N.C.
Y0
Y2
X2
X0
X3
A
0.053"
(1.35mm)
0.069"
(1.75mm)
MAX4582
N.C. = NO CONNECTION
16 QSOP
-40°C to +85°C
MAX4583EEE
16 Narrow SO
-40°C to +85°C
MAX4583ESE
Dice*
16 QSOP
0°C to +70°C
0°C to +70°C
MAX4583C/D
MAX4583CEE
16 Narrow SO
16 Plastic DIP
0°C to +70°C
0°C to +70°C
MAX4583CSE
MAX4583CPE
16 Plastic DIP
-40°C to +85°C
MAX4583EPE
16 TSSOP
-40°C to +125°C
MAX4582AUE
16 Narrow SO
-40°C to +125°C
MAX4582ASE
16 QSOP
16 TSSOP
-40°C to +85°C
-40°C to +85°C
MAX4582EEE
MAX4582EUE
PIN-PACKAGE
TEMP. RANGE
PART
16 Narrow SO
-40°C to +85°C
MAX4581ESE
16 Plastic DIP
-40°C to +85°C
MAX4581EPE
16 TSSOP
-40°C to +85°C
MAX4581EUE
16 Narrow SO
-40°C to +125°C
MAX4581ASE
16 TSSOP
-40°C to +125°C
MAX4581AUE
16 TSSOP
0°C to +70°C
MAX4582CUE
16 TSSOP
-40°C to +125°C
MAX4583AUE
16 Narrow SO
-40°C to +125°C
MAX4583ASE
16 TSSOP
-40°C to +85°C
MAX4583EUE
16 TSSOP
0°C to +70°C
MAX4583CUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com