Electronic Components Datasheet Search
  English  ▼

X  

MAX466 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX466
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX466 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX466 Datasheet HTML 1Page - Maxim Integrated Products MAX466 Datasheet HTML 2Page - Maxim Integrated Products MAX466 Datasheet HTML 3Page - Maxim Integrated Products MAX466 Datasheet HTML 4Page - Maxim Integrated Products MAX466 Datasheet HTML 5Page - Maxim Integrated Products MAX466 Datasheet HTML 6Page - Maxim Integrated Products MAX466 Datasheet HTML 7Page - Maxim Integrated Products MAX466 Datasheet HTML 8Page - Maxim Integrated Products MAX466 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, V- = -5V, -2V
≤ VIN ≤ +2V, RLOAD = 75Ω, unless otherwise noted.)
PARAMETER
Differential Phase Error
(Note 3)
SYMBOL
0.03
UNITS
deg.
300
DP
V/µs
Slew Rate
0.14
SR
200
Input Noise Density
en
20
nV/
√
–
H
—
z
25
35
Settling Time to 0.1%
-3dB Bandwidth
BW
100
MHz
90
tS
50
ns
XTALK
0.01
60
%
Differential Gain Error
(Note 3)
dB
DG
0.12
All-Hostile Crosstalk (Note 5)
XTALK
50
dB
ISO
Negative Supply Current
70
I-
50
65
dB
mA
tPD
15
ns
65
80
tSW
20
ns
Switching Transient
300
mVP-P
20
30
tOFF
80
ns
Logic Input High Threshold
VIH
2
V
Logic Input Low Threshold
VIL
0.8
V
CONDITIONS
MAX463/MAX464, MAX467/MAX468
MAX465/MAX466, MAX469/MAX470
MAX465/MAX466, MAX469/MAX470
MAX463/MAX464, MAX467/MAX468
fIN = 10kHz
MAX464/MAX466, disabled mode
MAX463/MAX464, MAX467/MAX468
MAX465/MAX466, MAX469/MAX470
VIN = 2V-to-0V step
fIN = 10MHz
MAX463/MAX464, MAX467/MAX468
MAX465/MAX466, MAX469/MAX470
fIN = 10MHz
fIN = 10MHz, MAX463–MAX466
MAX463–MAX466
MAX463–MAX466
VINA = VINB = 0V, MAX463–MAX466
MAX463/MAX465, disabled mode
MAX463–MAX466
E
—
N
–
, A0, C
—
S
–
, LE; MAX463–MAX466
E
—
N
–
, A0, C
—
S
–
, LE; MAX463–MAX466
TA = TMIN to TMAX
MIN
MAX
40
75
95
35
2
0.8
MAX463/MAX465/MAX467/MAX469,
VIN = 0V
MAX464/MAX466/MAX468/MAX470,
VIN = 0V
Adjacent Channel Crosstalk
(Note 4)
All-Hostile Off Isolation (Note 6)
Channel Switching
Propagation Delay (Note 7)
Logic Input Current High
IINHI
200
µA
E
—
N
–
, A0, C
—
S
–
, LE; MAX463–MAX466
200
Logic Input Current Low
IINLO
200
µA
E
—
N
–
, A0, C
—
S
–
, LE; MAX463–MAX466
200
Channel Switching Time
(Note 8)
Amplifier Switching Off-Time
(Note 9)
Amplifier Switching On-Time
(Note 10)
tON
100
ns
MAX463–MAX466
TA = +25°C
MIN
TYP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com