Electronic Components Datasheet Search
  English  ▼

X  

PLEDDC200W-032 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLEDDC200W-032
Description  Flicker-Free LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLEDDC200W-032 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLEDDC200W-032 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLEDDC200W-032 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLEDDC200W-032 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLEDDC200W-032 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 4
SSL Solutions Faster Than The Speed Of Light®
Notes:
1. 0-10V dimmable version comes with an extra two wires +Purple/-Gray on the output side.
2. Compatible with most 0-10V Wall Slide dimmers and direct 0-10V analog signal. Recommended dimmer is Leviton IP710 or equivalent
3. 0-10V dimmable version is not intended to dim to zero (off). Will be Iout <10% @ Vdim <1.0V
4. 0-10V dimmable version output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
"-D" Option: 0-10VDC and Resistance Dimming
0V
1V
2V
3V
4V
5V
6V
7V
8V
9V
10V
Dimming Input (Vdc)
Output Current / 0-10VDC Dimming Input
0
10
20
30
40
50
60
70
80
90
100
Dim (+) Purple
IP710
Wall Dimmer
PLEDDC200W-xxx-Cxxxx-D
Dim (-) Gray
3-Wire Dimming Typical Circuit
PLEDDC200W-xxx-Cxxxx-D3
20K
Potentiometer
10V Output
(Yellow)
0-10V Input
(Purple)
Return
(Gray)
(Dimmer must be current-sink type control)
Typical Dimming Circuit
Parameters
Minimum
Typical
Maximum
10V Output, Yellow Wire
9.2V
10.0V
10.8V
10 Output Source Current, Purple Wire
0mA
—
10mA
Absolute Voltage Range on 0-10V (+) Purple Wire
-2.0V
—
+15V
Source Current out of 0-10V Purple Wire
0mA
—
2mA
PLEDDC200W Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com