Electronic Components Datasheet Search
  English  ▼

X  

MAX469 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX469
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX469 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX469 Datasheet HTML 1Page - Maxim Integrated Products MAX469 Datasheet HTML 2Page - Maxim Integrated Products MAX469 Datasheet HTML 3Page - Maxim Integrated Products MAX469 Datasheet HTML 4Page - Maxim Integrated Products MAX469 Datasheet HTML 5Page - Maxim Integrated Products MAX469 Datasheet HTML 6Page - Maxim Integrated Products MAX469 Datasheet HTML 7Page - Maxim Integrated Products MAX469 Datasheet HTML 8Page - Maxim Integrated Products MAX469 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
2
_______________________________________________________________________________________
Power-Supply Ranges
V+ to V- ................................................................................12V
Analog Input Voltage ..........................(V- - 0.3V) to (V+ + 0.3V)
Digital Input Voltage ...................................-0.3V to (V+ + 0.3V)
Output Short-Circuit Duration (to GND)........................1 Minute
Input Current into Any Pin, Power On or Off...................±50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 22.22mW/°C above +70°C) ....1778mW
16-Pin Wide SO (derate 20.00mW/°C above +70°C) .......1600mW
24-Pin Narrow Plastic DIP
(derate 20.2mW/°C above +70°C)..................................1620mW
24-Pin Wide SO (derate 19.3mW/°C above +70°C) .........1590mW
28-Pin Narrow Plastic DIP
(derate 20.2mW/°C above +70°C)..................................1620mW
28-Pin Wide SO (derate 18.1mW/°C above +70°C) .........1440mW
Operating Temperature Ranges
MAX4_ _C_ _.........................................................0°C to +70°C
MAX4_ _E_ _ ......................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = 5V, V- = -5V, -2V
≤ VIN ≤ +2V, RLOAD = 75Ω, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
UNITS
Voltage-Gain Accuracy
0.2
0.5
%
Input Capacitance
CIN
5
pF
On Input Resistance
RIN
300
700
k
Ω
On Input Bias Current
IBIAS
±1
±3
µA
0.3
1.0
Output Voltage Swing
VOUT
±2.5 ±2.8
V
±2.0 ±2.4
Output Impedance
ROUT
5
Ω
Input Voltage Range
Operating Supply Voltage
VS
±4.75 ±5
±5.25
V
VIN
-2
2
V
Power-Supply Rejection Ratio
PSRR
50
60
dB
0.05
0.1
ROUTD
150
250
k
Ω
0.7
1
k
Ω
COUTD
10
pF
Positive Supply Current
I+
65
80
mA
85
100
35
45
40
50
CONDITIONS
Channel off or on
RLOAD = 150Ω
MAX463/MAX464
MAX465/MAX466
RLOAD = 75Ω
fIN = DC
MAX463–MAX466
MAX463/MAX465, disabled mode
MAX464/MAX466, disabled mode
ABSOLUTE MAXIMUM RATINGS
TA = TMIN to TMAX
MIN
MAX
1.0
150
±5
2.0
±2.5
100
-1.5/+2
0.7
100
120
±4.75
±5.25
50
-2
2
55
50
Output Resistance,
Disabled Mode
Output Capacitance,
Disabled Mode
Offset Voltage
VOS
±3
±10
mV
±15
MAX463/MAX464, MAX467/MAX468
(Note 1)
MAX465/MAX466, MAX469/MAX470,
RLOAD = 150Ω, (Note 2)
fIN = 10MHz
MAX463/MAX465/MAX467/MAX469,
VIN = 0V
MAX464/MAX466/MAX468/MAX470,
VIN = 0V
TA = +25°C
MIN
TYP
MAX
MAX463/MAX464,
MAX467/MAX468
MAX465/MAX466,
MAX469/MAX470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com