Electronic Components Datasheet Search
  English  ▼

X  

MAX4610ASD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4610ASD
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4610ASD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4610ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4610ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4610ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4610ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4610ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4610ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4610ASD Datasheet HTML 9Page - Maxim Integrated Products MAX4610ASD Datasheet HTML 10Page - Maxim Integrated Products MAX4610ASD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Applications Information
Power-Supply Sequencing
and Overvoltage Protection
Do not exceed the absolute maximum ratings, because
stresses beyond the listed ratings may cause perma-
nent damage to the devices.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals or logic inputs, especially if the analog
or logic signals are not current limited. If this sequenc-
ing is not possible, and if the analog or logic inputs are
not current limited to 20mA, add a small-signal diode
(D1) as shown in Figure 1. If the analog signal can dip
below GND, add D2. Adding protection diodes
reduces the analog signal range to a diode drop (about
0.7V) below V+ (for D1), and to a diode drop above
ground (for D2). Leakage is unaffected by adding the
diodes. On-resistance increases by a small amount at
low supply voltages. Maximum supply voltage (V+)
must not exceed 13V.
Adding protection diodes causes the logic thresholds
to be shifted relative to the power-supply rails. This can
be significant when low supply voltages (+5V or less)
are used. With a +5V supply, TTL compatibility is not
guaranteed when protection diodes are added. Driving
IN1 and IN2 all the way to the supply rails (i.e., to a
diode drop higher than the V+ pin, or to a diode drop
lower than the GND pin) is always acceptable.
Low-Voltage, Quad, SPST
CMOS Analog Switches
_______________________________________________________________________________________
7
POSITIVE SUPPLY
COM_
NO_
Vg
V+
MAX4610
MAX4611
MAX4612
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
Pin Description
PIN
MAX4610
MAX4611
MAX4612
TSSOP/SO/ DIP
QFN
TSSOP/SO/DIP
QFN
TSSOP/SO/DIP
QFN
NAME
FUNCTION
1, 3, 8, 11
1, 3,
8, 11
———
—
NO1–NO4
Analog Switch Normally Open
Terminals
——
1, 3, 8, 11
1, 3,
8, 11
——
NC1–NC4
Analog Switch Normally Closed
Terminals
——
—
—
1, 8
1, 8
NO1, NO3
Analog Switch Normally Open
Terminals
——
—
—
3, 11
3, 11
NC2, NC4
Analog Switch Normally Closed
Terminals
2, 4, 9, 10
2, 4,
9, 10
2, 4, 9, 10
2, 4,
9, 10
2, 4, 9, 10
2, 4,
9, 10
COM1–COM4
Analog Switch Common
Terminals
13, 5, 6, 12
14, 5,
6, 13
13, 5, 6, 12
14, 5,
6, 13
13, 5, 6, 12
14, 5,
6, 13
IN1–IN4
Logic-Control Digital Input
7
7
7
7
7
7
GND
Ground. Connect to digital
ground.
—
12, 15
—
12, 15
—
12, 15
N.C.
No Connection. Not internally
connected.
14
16
14
16
14
16
V+
Positive Analog and Digital-
Supply Voltage Input. Internally
connected to substrate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com