Electronic Components Datasheet Search
  English  ▼

X  

MAX471 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX471
Description  Precision, High-Side Current-Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX471 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX471 Datasheet HTML 1Page - Maxim Integrated Products MAX471 Datasheet HTML 2Page - Maxim Integrated Products MAX471 Datasheet HTML 3Page - Maxim Integrated Products MAX471 Datasheet HTML 4Page - Maxim Integrated Products MAX471 Datasheet HTML 5Page - Maxim Integrated Products MAX471 Datasheet HTML 6Page - Maxim Integrated Products MAX471 Datasheet HTML 7Page - Maxim Integrated Products MAX471 Datasheet HTML 8Page - Maxim Integrated Products MAX471 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Precision, High-Side
Current-Sense Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX472
(VCC = +3V to +36V, RG1 = RG2 = 200Ω, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: VOS is defined as the input voltage (VSENSE) required to give minimum IOUT.
Note 3: VSENSE is the voltage across the sense resistor.
VSHDN = 2.4V
MAX472C
VSHDN = 0V
ILOAD = 0A, excludes ISIGN; VCC = 3V to 20V
VSHDN = 2.4V; VCC = 3V to 20V
VSIGN = 0.3V
VSIGN = 36V
VCC = 10V,
VSENSE = 3mV
VCC = 10V
MAX472E
IRG1 - IGR2
3V
≤ VCC ≤ 36V, VSENSE = 100mV
CONDITIONS
V
0VCC - 1.5
VOUT
OUT Output Voltage Range
µA
1.0
IIH
SHDN Input High Current
V
2.4
VIH
SHDN Input High Voltage
µA
1.0
IIL
SHDN Input Low Current
V
0.3
VIL
SHDN Input Low Voltage
µA
1.5
18.0
ICC(SHDN)
Shutdown Supply Current
mA
0.1
SIGN Output Sink Current
µA
1.0
SIGN Output Leakage Current
µV
60
140
SIGN Threshold (VSENSE
required to switch SIGN)
60
120
%/V
0.1
PSRR
Power-Supply Rejection Ratio
120
µA
20
48
ICC
V
336
VCC
Supply Voltage
Supply Current
µA
±3.0
Low-Level OUT Error
±2.5
µA
2.5
µV
140
VOS
Input Offset Voltage
(Note 2)
µA
20
35
IRG1, IRG2
Input Bias Current
µA
±0.4
±3.0
IOS
Input Bias-Current Matching
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
OUT Output Resistance
ROUT
IOUT = 1.5mA
13
M
Ω
OUT Rise, Fall Time
tR, tF
VSENSE = 5mV to 150mV, ROUT = 2kΩ,
COUT = 50pF, 10% to 90%
4
µs
OUT Settling Time to 1%
of Final Value
ts
VSENSE = 5mV to 150mV, ROUT = 2kΩ,
COUT = 50pF
15
µs
Maximum Output Current
IOUT
1.5
mA
MAX472C
MAX472E
MAX472C
MAX472E
VCC = 10V,
VSENSE = 0V
3
No-Load OUT Error
MAX472C
MAX472E
VSENSE = 100mV,
VCC = 10V (Note 3)
IRG/IOUT
OUT Current Accuracy
MAX472C
%
±2
MAX472E
±2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com