Electronic Components Datasheet Search
  English  ▼

X  

2SB954 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SB954
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SB954 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SB954_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB954_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB954_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB954_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2SB954 2SB954A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SB954
-60
VCEO
Collector-emitter
voltage
2SB954A
IC=-30mA ;IB=0
-80
V
VCEsat
Collector-emitter saturation voltage
IC=-1.0A ;IB=-0.125A
-1.0
V
VBE
Base-emitter voltage
IC=-1A ; VCE=-4V
-1.3
V
2SB954
VCE=-30V; IB=0
ICEO
Collector
cut-off current
2SB954A
VCE=-60V; IB=0
-300
μA
2SB954
VCE=-60V; VBE=0
ICES
Collector
cut-off current
2SB954A
VCE=-80V; VBE=0
-200
μA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1
mA
hFE-1
DC current gain
IC=-0.2A ; VCE=-4V
70
250
hFE-2
DC current gain
IC=-1A ; VCE=-4V
15
fT
Transition frequency
IC=-0.2A; VCE=-5V,f=10MHz
30
MHz
ton
Trun-on time
0.5
μs
ts
Storage time
1.2
μs
tf
Fall time
IC=-1A ;VCC=-50V
IB1=-0.1A, IB2=0.1A
0.3
μs
hFE-1 Classifications
Q
P
70-150
120-250



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com