Electronic Components Datasheet Search
  English  ▼

X  

IRHM7064 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM7064
Description  Simple Drive Requirements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7064 Datasheet(HTML) 1 Page - International Rectifier

  IRHM7064 Datasheet HTML 1Page - International Rectifier IRHM7064 Datasheet HTML 2Page - International Rectifier IRHM7064 Datasheet HTML 3Page - International Rectifier IRHM7064 Datasheet HTML 4Page - International Rectifier IRHM7064 Datasheet HTML 5Page - International Rectifier IRHM7064 Datasheet HTML 6Page - International Rectifier IRHM7064 Datasheet HTML 7Page - International Rectifier IRHM7064 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
International Rectifier’s RAD-HardTM HEXFET®
technology provides high performance power
MOSFETs for space applications. This technology
has over a decade of proven performance and
reliability in satellite applications. These devices have
been characterized for both Total Dose and Single
Event Effects (SEE). The combination of low Rdson
and low gate charge reduces the power losses in
switching applications such as DC to DC converters
and motor control. These devices retain all of the well
established advantages of MOSFETs such as voltage
control, fast switching, ease of paralleling and
temperature stability of electrical parameters.
RADIATION HARDENED
POWER MOSFET
THRU-HOLE (T0-254AA)
08/10/07
www.irf.com
1
IRHM7064
JANSR2N7431
60V, N-CHANNEL
REF:MIL-PRF-19500/663
RAD-Hard
™ HEXFET
® TECHNOLOGY
TO-254AA
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Light Weight
*Current is limited by package
For footnotes refer to the last page
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C Continuous Drain Current
35*
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
35*
IDM
Pulsed Drain Current
À
140
PD @ TC = 25°C
Max. Power Dissipation
250
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
500
mJ
IAR
Avalanche Current
À
35
A
EAR
Repetitive Avalanche Energy
À
25
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
2.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in.(1.6mm) from case for 10s)
Weight
9.3 (Typical)
g
Pre-Irradiation
oC
A
Product Summary
Part Number
Radiation Level
RDS(on)
ID
QPL Part Number
IRHM7064
100K Rads (Si)
0.021
Ω
35A*
JANSR2N7431
IRHM3064
300K Rads (Si)
0.021
Ω
35A*
JANSF2N7431
IRHM4064
500K Rads (Si)
0.021
Ω
35A*
JANSG2N7431
IRHM8064
1000K Rads (Si)
0.030
Ω
35A*
JANSH2N7431
PD-91564G


Similar Part No. - IRHM7064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7064 IRF-IRHM7064 Datasheet
121Kb / 4P
TRANSISTOR N-CHANNEL
More results

Similar Description - IRHM7064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com