Electronic Components Datasheet Search
  English  ▼

X  

IRHM7130 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHM7130
Description  Simple Drive Requirements
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7130 Datasheet(HTML) 2 Page - International Rectifier

  IRHM7130 Datasheet HTML 1Page - International Rectifier IRHM7130 Datasheet HTML 2Page - International Rectifier IRHM7130 Datasheet HTML 3Page - International Rectifier IRHM7130 Datasheet HTML 4Page - International Rectifier IRHM7130 Datasheet HTML 5Page - International Rectifier IRHM7130 Datasheet HTML 6Page - International Rectifier IRHM7130 Datasheet HTML 7Page - International Rectifier IRHM7130 Datasheet HTML 8Page - International Rectifier IRHM7130 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
IRHM7130
IRHM7130
IRHM7130
IRHM7130
IRHM7130
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Parameter
Parameter
Parameter
Parameter
Parameter
Min
Min
Min
Min
Min Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
14
ISM
Pulse Source Current (Body Diode) ➀
——
56
VSD Diode Forward Voltage
—
—
1.8
V
Tj = 25°C, IS = 14A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
370
nS
Tj = 25°C, IF = 14A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
—
—
3.5
µC
VDD ≤ 50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Thermal Resistance
Thermal Resistance
Thermal Resistance
Thermal Resistance
Thermal Resistance
Parameter
Parameter
Parameter
Parameter
Parameter
Min
Min
Min
Min
Min Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
RthJC
Junction-to-Case
—
—
1.67
RthJA
Junction-to-Ambient
—
—
48
°C/W
RthCS
Case-to-Sink
— 0.21
—
Typical socket mount
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
Parameter
Parameter
Parameter
Parameter
Parameter
Min
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
—
—
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
0.12
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.18
Ω
VGS = 12V, ID =9.0A
Resistance
—
—
0.20
VGS = 12V, ID = 14A
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
3.3
—
—
S ( )VDS > 15V, IDS = 9.0A ➃
IDSS
Zero Gate Voltage Drain Current
—
—
25
VDS= 80V ,VGS=0V
—
—
250
VDS = 80V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
45
VGS =12V, ID =14A
Qgs
Gate-to-Source Charge
—
—
11
nC
VDS = 50V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
17
td(on)
Turn-On Delay Time
—
—
30
VDD = 50V, ID =14A
tr
Rise Time
—
—
120
VGS =12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
—
—
49
tf
Fall Time
—
—
64
LS + LD
Total Inductance
—
6.8
—
Ciss
Input Capacitance
—
1100
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
310
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
55
—
nA
➃
nH
ns
µA
Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /25in.
from package) with Source wires internally
bonded from Source Pin to Drain Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com