Electronic Components Datasheet Search
  English  ▼

X  

MAX473 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX473
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX473 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX473 Datasheet HTML 1Page - Maxim Integrated Products MAX473 Datasheet HTML 2Page - Maxim Integrated Products MAX473 Datasheet HTML 3Page - Maxim Integrated Products MAX473 Datasheet HTML 4Page - Maxim Integrated Products MAX473 Datasheet HTML 5Page - Maxim Integrated Products MAX473 Datasheet HTML 6Page - Maxim Integrated Products MAX473 Datasheet HTML 7Page - Maxim Integrated Products MAX473 Datasheet HTML 8Page - Maxim Integrated Products MAX473 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(+3V
≤ VCC ≤ +5V, VEE = 0V, VCM = 0.5V, VOUT = 0.5V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC - VEE)......................................................7V
Input Voltage (IN+, IN-, IN_+, IN_-) .........................(VCC + 0.3V)
to (VEE - 0.3V)
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C)........640mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)...800mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C)......727mW
Operating Temperature Ranges
MAX47_C_ _ ......................................................0°C to +70°C
MAX47_E_ _.....................................................-40°C to +85°C
MAX47_MJ_ ...................................................-55°C to +125°C
Junction Temperatures
MAX47_C_ _/E_ _........................................................ +150°C
MAX47_MJ_ ................................................................ +175°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VIN+ - VIN- = +1V, RL = no load
Sourcing 5mA
MAX475
Sinking 5mA
MAX474
MAX473
0.3V
≤ VOUT ≤
(VCC - 0.5V)
VCC = 2.7V to 6.0V
VEE ≤ VCM ≤ (VCC - 1.9V)
Current flows out of terminals
f = 10kHz
High
V
VCC - 0.05
VOH
Output Voltage
dB
90
AVOL
Large-Signal Gain
(Note 1)
76
100
76
82
90
94
105
110
nV/
√Hz
40
en
Input Noise-Voltage Density
mV
±0.80
±2.5
VOS
Input Offset Voltage
±0.70
±2.0
±0.70
±2.0
dB
80
90
PSRR
Power-Supply Rejection Ratio
dB
80
90
CMRR
Common-Mode Rejection Ratio
nA
0
80
150
IB
Input Bias Current
nA
±10
±30
IOS
Input Offset Current
V
VCC - 1.9
VCC - 1.7
Common-Mode Voltage
15
17
Slew Rate
SR
VCC = 5V, RL = 10kΩ, CL = 20pF,
VIN+ - VIN- = +1V step
V/µs
RL = no load
RL = 10kΩ
RL = 600Ω
VCC = 5V
VCC = 3V
VCC = 5V
VCC = 3V
Unity-Gain Bandwidth
(Note 2)
GBW
3V
≤ VCC ≤ 5V
10
12
MHz
VCC = 2.7V
10
VCM
Low
VOL
VIN+ - VIN- = -1V, RL = no load
VEE + 0.05
VEE - 0.1
VEE
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com