Electronic Components Datasheet Search
  English  ▼

X  

MD601 Datasheet(PDF) 1 Page - Solid State Optronic

Part # MD601
Description  Compact 6 pin DIP/SMD package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

MD601 Datasheet(HTML) 1 Page - Solid State Optronic

  MD601 Datasheet HTML 1Page - Solid State Optronic MD601 Datasheet HTML 2Page - Solid State Optronic MD601 Datasheet HTML 3Page - Solid State Optronic MD601 Datasheet HTML 4Page - Solid State Optronic MD601 Datasheet HTML 5Page - Solid State Optronic MD601 Datasheet HTML 6Page - Solid State Optronic MD601 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
MD601 /H/S/TR
Rev 2.00 (11/12/2013)
001711
Page 1 of 7
MD601
Optically Coupled
MOSFET Driver
w/Discharge Circuit
Description
The MD601 consists of an input drive LED optically
coupled to a photodiode array output designed to drive
highly capacitive loads, including the gate of a power
MOSFET. The active discharge circuit of the PDA assures
quick discharge of MOSFETs, providing fast turn-off times.
This device can be used in a wide variety of applications for
which high levels of input are required for a MOSFET
output.
The MD601 comes standard in a miniature 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Isolated means to drive discrete power MOSFETs
Lighting Controls
Process Control Modules
Solid State Relays
Solenoid Controls
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …..….….……...………-40 to +85°C
Continuous Input Current ………..……………………..50mA
Transient Input Current ………..……….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation ………..………………………40mW
Output Power Dissipation ……..……………………..400mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
MD601
6 pin DIP, (50/Tube)
MD601-H
5kVRMS Viso, 6 pin DIP, (50/Tube)
MD601-S
6 pin SMD, (50/Tube)
MD601-HS
5kVRMS, 6 pin SMD, (50/Tube)
MD601-STR
6 pin SMD, Tape and Reel (1000/Reel)
MD601-HSTR
5kVRMS, 6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Compact 6 pin DIP/SMD package
Built in active discharge circuit for fast turn-off
Fast Turn-On
6V Gate Drive Voltage
High Input-to-Output Isolation (up to 5kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
5
6
(+) Input
(-) Input
Do Not Use
(+) DC Output
IC
3
4
Do Not Use
(-) DC Output
MD601


Similar Part No. - MD601

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
MD601 SOLIDSTATE-MD601 Datasheet
234Kb / 7P
Compact 6 pin DIP/SMD package
More results

Similar Description - MD601

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C941 SSOUSA-AD2C941 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
MD621 SSOUSA-MD621 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com