Electronic Components Datasheet Search
  English  ▼

X  

BLF644P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF644P
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF644P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF644P_15 Datasheet HTML 4Page - NXP Semiconductors BLF644P_15 Datasheet HTML 5Page - NXP Semiconductors BLF644P_15 Datasheet HTML 6Page - NXP Semiconductors BLF644P_15 Datasheet HTML 7Page - NXP Semiconductors BLF644P_15 Datasheet HTML 8Page - NXP Semiconductors BLF644P_15 Datasheet HTML 9Page - NXP Semiconductors BLF644P_15 Datasheet HTML 10Page - NXP Semiconductors BLF644P_15 Datasheet HTML 11Page - NXP Semiconductors BLF644P_15 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BLF644P
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 27 June 2014
9 of 12
NXP Semiconductors
BLF644P
Broadband power LDMOS transistor
9.
Handling information
10. Abbreviations
11. Revision history
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
Table 10.
Abbreviations
Acronym
Description
CW
Continuous Wave
ESD
ElectroStatic Discharge
HF
High Frequency
LDMOS
Laterally Diffused Metal Oxide Semiconductor
LDMOST
Laterally Diffused Metal Oxide Semiconductor Transistor
MTF
Median Time to Failure
SMD
Surface Mounted Device
VSWR
Voltage Standing-Wave Ratio
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BLF644P v.2
20140627
Product data sheet
-
BLF644P v.1
Modifications
• Section 1.1 on page 1: added ‘communications’ to the description
• Section 1.2 on page 1: added bullet ‘broadcast transmitters’
• Table 1 on page 1: table has been updated
• Table 4 on page 2: table has been updated
• Table 5 on page 2: value Rth(j-c) set to 0.75 (K/W)
• Table 6 on page 3: table has been updated
• Table 8 on page 3: table has been updated
• Section 7.1 on page 3: value frequency changed from 1300 MHz to 860 MHz
• Section 7.2 on page 4: section has been added
• Section 7.3 on page 6: section has been added
BLF644P v.1
20130611
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com