Electronic Components Datasheet Search
  English  ▼

X  

IRHM7230 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM7230
Description  Simple Drive Requirements
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7230 Datasheet(HTML) 1 Page - International Rectifier

  IRHM7230 Datasheet HTML 1Page - International Rectifier IRHM7230 Datasheet HTML 2Page - International Rectifier IRHM7230 Datasheet HTML 3Page - International Rectifier IRHM7230 Datasheet HTML 4Page - International Rectifier IRHM7230 Datasheet HTML 5Page - International Rectifier IRHM7230 Datasheet HTML 6Page - International Rectifier IRHM7230 Datasheet HTML 7Page - International Rectifier IRHM7230 Datasheet HTML 8Page - International Rectifier IRHM7230 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Parameter
Parameter
Parameter
Parameter
Parameter
Units
Units
Units
Units
Units
ID @ VGS = 12V, TC = 25°C Continuous Drain Current
9.0
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
6.0
IDM
Pulsed Drain Current ➀
36
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.60
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
330
mJ
IAR
Avalanche Current ➀
9.0
A
EAR
Repetitive Avalanche Energy ➀
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
5.0
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 ( 0.063 in.(1.6mm) from case for 10s)
Weight
9.3 (Typical )
g
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
International Rectifier’s RADHard HEXFET® technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rdson and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
RADIATION HARDENED
RADIATION HARDENED
RADIATION HARDENED
RADIATION HARDENED
RADIATION HARDENED
POWER MOSFET
POWER MOSFET
POWER MOSFET
POWER MOSFET
POWER MOSFET
THRU-HOLE (
THRU-HOLE (
THRU-HOLE (
THRU-HOLE (
THRU-HOLE (T0-254AA)
T0-254AA)
T0-254AA)
T0-254AA)
T0-254AA)
8/10/01
www.irf.com
1
Product Summary
Product Summary
Product Summary
Product Summary
Product Summary
Part Number Radiation Level
Part Number Radiation Level
Part Number Radiation Level
Part Number Radiation Level
Part Number Radiation Level R
R
R
R
RDS(on)
DS(on)
DS(on)
DS(on)
DS(on)
IIIII DDDDD
IRHM7230
100K Rads (Si) 0.40Ω
9.0A
IRHM3230
300K Rads (Si) 0.40Ω
9.0A
IRHM4230
600K Rads (Si) 0.40Ω
9.0A
IRHM8230
1000K Rads (Si) 0.40Ω
9.0A
For footnotes refer to the last page
IRHM7230
IRHM7230
IRHM7230
IRHM7230
IRHM7230
200V, N-CHANNEL
200V, N-CHANNEL
200V, N-CHANNEL
200V, N-CHANNEL
200V, N-CHANNEL
RAD Hard
RAD Hard
RAD Hard
RAD Hard
RAD Hard
™ HEXFET
HEXFET
HEXFET
HEXFET
HEXFET
® TECHNOLOGY
TECHNOLOGY
TECHNOLOGY
TECHNOLOGY
TECHNOLOGY
TO-254AA
TO-254AA
TO-254AA
TO-254AA
TO-254AA
Features:
Features:
Features:
Features:
Features:
!
Single Event Effect (SEE) Hardened
!
Low RDS(on)
!
Low Total Gate Charge
!
Proton Tolerant
!
Simple Drive Requirements
!
Ease of Paralleling
!
Hermetically Sealed
!
Ceramic Package
!
Light Weight
PD - 90713E


Similar Part No. - IRHM7230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7230 IRF-IRHM7230 Datasheet
301Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results

Similar Description - IRHM7230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com