Electronic Components Datasheet Search
  English  ▼

X  

IRHM7250 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM7250
Description  Simple Drive Requirements
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7250 Datasheet(HTML) 1 Page - International Rectifier

  IRHM7250 Datasheet HTML 1Page - International Rectifier IRHM7250 Datasheet HTML 2Page - International Rectifier IRHM7250 Datasheet HTML 3Page - International Rectifier IRHM7250 Datasheet HTML 4Page - International Rectifier IRHM7250 Datasheet HTML 5Page - International Rectifier IRHM7250 Datasheet HTML 6Page - International Rectifier IRHM7250 Datasheet HTML 7Page - International Rectifier IRHM7250 Datasheet HTML 8Page - International Rectifier IRHM7250 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
26
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
16
IDM
Pulsed Drain Current
À
104
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
500
mJ
IAR
Avalanche Current
À
26
A
EAR
Repetitive Avalanche Energy
À
15
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
5.0
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
°C
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
9.3 (Typical)
g
Pre-Irradiation
International Rectifier’s RAD-HardTM HEXFET®
technology provides high performance power
MOSFETs for space applications. This technology
has over a decade of proven performance and
reliability in satellite applications. These devices have
been characterized for both Total Dose and Single
Event Effects (SEE). The combination of low Rdson
and low gate charge reduces the power losses in
switching applications such as DC to DC converters
and motor control. These devices retain all of the well
established advantages of MOSFETs such as voltage
control, fast switching, ease of paralleling and
temperature stability of electrical parameters.
A
RADIATION HARDENED
JANSR2N7269
POWER MOSFET
THRU-HOLE (TO-254AA)
09/05/14
www.irf.com
1
200V, N-CHANNEL
RAD-Hard
™ HEXFET
® TECHNOLOGY
Product Summary
Part Number Radiation Level RDS(on)
ID
QPL Part Number
IRHM7250
100K Rads (Si)
0.10
Ω
26A
JANSR2N7269
IRHM3250
300K Rads (Si)
0.10
Ω
26A
JANSF2N7269
IRHM4250
500K Rads (Si)
0.10
Ω
26A
JANSG2N7269
IRHM8250
1000K Rads (Si)
0.10
Ω
26A
JANSH2N7269
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Eyelets
n Light Weight
For footnotes refer to the last page
IRHM7250
REF: MIL-PRF-19500/603
TO-254AA
n ESD Rating: Class 3A per MIL-STD-750,
Method 1020
PD-90674E


Similar Part No. - IRHM7250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7250 IRF-IRHM7250 Datasheet
271Kb / 12P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7250 IRF-IRHM7250 Datasheet
264Kb / 12P
RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
RADIATION HARDENED POWER MOSFET
More results

Similar Description - IRHM7250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com