Electronic Components Datasheet Search
  English  ▼

X  

MAX478 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX478
Description  17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX478 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX478 Datasheet HTML 1Page - Maxim Integrated Products MAX478 Datasheet HTML 2Page - Maxim Integrated Products MAX478 Datasheet HTML 3Page - Maxim Integrated Products MAX478 Datasheet HTML 4Page - Maxim Integrated Products MAX478 Datasheet HTML 5Page - Maxim Integrated Products MAX478 Datasheet HTML 6Page - Maxim Integrated Products MAX478 Datasheet HTML 7Page - Maxim Integrated Products MAX478 Datasheet HTML 8Page - Maxim Integrated Products MAX478 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
17µA Max, Dual/Quad, Single-Supply,
Precision Op Amps
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS: 3V
(VS = 3V, 0V, VCM = 0.1V, VO = 0.8V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MAX478AC
MAX479AC
MIN
TYP
MAX
MAX478C/E
MAX479C/E
MIN
TYP
MAX
UNITS
MAX479CS/ES
Input Offset Current
IOS
90
270
0.05
0.05
nA
Input Bias Current
IB
33
nA
Common-Mode
Rejection Ratio
CMRR
VCM = 0V to 1.7V
93
103
90
102
dB
Input Offset Voltage
VOS
MAX478ACP/CP/EP
30
90
40
140
µV
MAX479ACP/CP/EP
35
120
40
170
Power-Supply
Rejection Ratio
PSRR
VS = 2.2V to 12V
94
104
92
104
dB
Large-Signal
Voltage Gain
AVOL
100
600
100
600
V/mV
MAX478CS/ES
80
200
VO = 0.03V to 1.5V, RL = 50kΩ
30
180
30
180
Output Voltage Swing
VOUT
Output low, no load
6
9
6
9
mV
Output low, 2k
Ω to GND
0.2
0.6
0.2
0.6
Output high, no load
2.2
2.4
2.2
2.4
V
Output high, 2k
Ω to GND
1.8
2.0
1.8
2.0
Supply Current per Amplifier
IS
12
17
13
20
µA
Input Noise Voltage
eN
0.1Hz to 10Hz
1.0
1.0
µVp-p
Input Voltage Range
VIN (CM)
Upper limit
1.7
1.9
1.7
1.9
V
Lower limit
0
-0.3
Gain-Bandwidth Product
GBW
fO ≤ 5kHz
50
50
kHz
Minimum Supply Voltage
VS
2.2
2.2
V
VO = 0.03V to 2V, no load
(Note 1)
0
-0.3
With 300µV VOS degradation
1.7
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com