Electronic Components Datasheet Search
  English  ▼

X  

MAX480 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX480
Description  High-Precision, Low-Voltage, Micropower Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX480 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX480 Datasheet HTML 1Page - Maxim Integrated Products MAX480 Datasheet HTML 2Page - Maxim Integrated Products MAX480 Datasheet HTML 3Page - Maxim Integrated Products MAX480 Datasheet HTML 4Page - Maxim Integrated Products MAX480 Datasheet HTML 5Page - Maxim Integrated Products MAX480 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
High-Precision, Low-Voltage,
Micropower Op Amp
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VS = ±1.5V to ±15V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (V+ to V-) ....................................................±18V
Differential Input Voltage ........................(V- - 20V) to (V+ + 20V)
Common-Mode Input Voltage ................(V- - 20V) to (V+ + 20V)
Output Short-Circuit Duration ........................................Indefinite
Continuous Power Dissipation
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..............................471mW
CERDIP (derate 8.0mW/°C above +70°C) ....................640mW
Operating Temperature Ranges
MAX480C_A.........................................................0°C to +70°C
MAX480E_A ......................................................-40°C to +85°C
MAX480MJA ...................................................-55°C to +125°C
Junction Temperature (TJ).................................-65°C to +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
fO = 0.1Hz to 10Hz, VS = ±15V
AV = +1V/V, no oscillations (Note 2)
VCM = 0
VS = ±15V
VCM = 0
V+ = 5V, V- = 0, RL = 10kΩ
V+ = 5V, V- = 0, RL = 2kΩ
V+ = 5V, V- = 0
VS = ±15V
VS = ±15V,
VO = ±10V
CONDITIONS
µVp-p
3
enp-p
Input Noise Voltage
pF
250
650
Capacitive Load Stability
µA
915
ISY
Supply Current
V/ms
512
SR
Slew Rate
µV/V
1.0
12
PSRR
Power-Supply Rejection Ratio
V
100
500
VO
4.0
4.2
±14
±14.2
V
0/4
IVR
Input Voltage
nA
13
IB
Input Bias Current
nA
0.2
1
IOS
µV
25
140
VOS
Input Offset Voltage
Input Offset Current
V/mV
500
1200
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VS = ±15V
VS = ±15V
G
Ω
20
RINCM
Common-Mode Input Resistance
M
Ω
30
RIN
Differential-Mode Input Resistance
VOL
VOH
Output Voltage Swing
V+ = 5V, V- = 0, 0 < VCM < 4V
dB
85
110
CMRR
Common-Mode Rejection Ratio
VS = ±1.5V
µV
RL = 100kΩ
RL = 2kΩ
RL = 10kΩ
75
250
200
600
RL = 100kΩ
V+ = 5V, V- = 0,
1V < VO < 4V
RL = 10kΩ
AVO
Large-Signal Voltage Gain
50
180
100
400
VS = ±15kV (Note 1)
-15/13.5
RL = 10kΩ
RL = 2kΩ
±11
±12
VS = ±15V, -15V < VCM < 13.5V
90
130
VS = ±15V
14
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com