Electronic Components Datasheet Search
  English  ▼

X  

IRHM7360 Datasheet(PDF) 11 Page - International Rectifier

Part # IRHM7360
Description  Simple Drive Requirements
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7360 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRHM7360 Datasheet HTML 4Page - International Rectifier IRHM7360 Datasheet HTML 5Page - International Rectifier IRHM7360 Datasheet HTML 6Page - International Rectifier IRHM7360 Datasheet HTML 7Page - International Rectifier IRHM7360 Datasheet HTML 8Page - International Rectifier IRHM7360 Datasheet HTML 9Page - International Rectifier IRHM7360 Datasheet HTML 10Page - International Rectifier IRHM7360 Datasheet HTML 11Page - International Rectifier IRHM7360 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRHM7360, IRHM8360 Devices
www.irf.com
11
Pre-Irradiation
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
12 V
Fig 30b. Gate Charge Test Circuit
Fig30a. Basic Gate Charge Waveform
Fig 29c. Maximum Avalanche Energy
Vs. Drain Current
Fig 29b. Unclamped Inductive Waveforms
Fig 29a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
R G
IAS
0.01
Ω
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15 V
20V
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com