Electronic Components Datasheet Search
  English  ▼

X  

IRHM9064 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHM9064
Description  Simple Drive Requirements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9064 Datasheet(HTML) 8 Page - International Rectifier

  IRHM9064 Datasheet HTML 1Page - International Rectifier IRHM9064 Datasheet HTML 2Page - International Rectifier IRHM9064 Datasheet HTML 3Page - International Rectifier IRHM9064 Datasheet HTML 4Page - International Rectifier IRHM9064 Datasheet HTML 5Page - International Rectifier IRHM9064 Datasheet HTML 6Page - International Rectifier IRHM9064 Datasheet HTML 7Page - International Rectifier IRHM9064 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHM9064
Pre-Irradiation
8
www.irf.com
Foot Notes:
Case Outline and Dimensions — TO-254AA
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 02/03
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B A
3X
B
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
123
17.40 [.685]
16.89 [.665]
3.81 [.150]
0.84 [.033]
MAX.
C
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
22.73 [.895]
21.21 [.835]
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B A
3X
4.06 [.160]
3.56 [.140]
B
R 1.52 [.060]
123
4.82 [.190]
3.81 [.150]
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
➀ Repetitive Rating; Pulse width limited by
maximum junction temperature.
➁ VDD = -25V, starting TJ = 25°C, L=0.82mH
Peak IL = -35A, VGS =-12V
➂ ISD ≤ -35A, di/dt ≤ -150A/µs,
VDD ≤ -60V, TJ ≤ 150°C
➃ Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
➄ Total Dose Irradiation with VGS Bias.
-12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
➅ Total Dose Irradiation with VDS Bias.
-48 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
NOTES :
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
1 = DRAIN
2 = SOURCE
3 = GATE
PIN ASSIGNMENTS
3. CONTROLLING DIMENSION: INCH.
4. CONFORMS TO JEDEC OUTLINE TO-254AA.
CAUTION
BERYLLIA WARNING PER MIL-PRF-19500
Packages containing beryllia shall not be ground, sandblasted, machined or have other operations performed on them
which will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids that
will produce fumes containing beryllium.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com