Electronic Components Datasheet Search
  English  ▼

X  

MAX481EESA Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX481EESA
Description  짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481EESA Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX481EESA Datasheet HTML 8Page - Maxim Integrated Products MAX481EESA Datasheet HTML 9Page - Maxim Integrated Products MAX481EESA Datasheet HTML 10Page - Maxim Integrated Products MAX481EESA Datasheet HTML 11Page - Maxim Integrated Products MAX481EESA Datasheet HTML 12Page - Maxim Integrated Products MAX481EESA Datasheet HTML 13Page - Maxim Integrated Products MAX481EESA Datasheet HTML 14Page - Maxim Integrated Products MAX481EESA Datasheet HTML 15Page - Maxim Integrated Products MAX481EESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
14
______________________________________________________________________________________
25ns/div
5V/div
RO
B
A
500mV/div
Figure 19. MAX481E/MAX485E/MAX490E/MAX1487E Receiver
tPHL
25ns/div
5V/div
RO
B
A
500mV/div
Figure 20. MAX481E/MAX485E/MAX490E/MAX491E/
MAX1487E Receiver tPLH
200ns/div
5V/div
RO
B
A
500mV/div
Figure 21. MAX483E/MAX487E–MAX489E Receiver tPHL
200ns/div
5V/div
RO
B
A
500mV/div
Figure 22. MAX483E/MAX487E–MAX489E Receiver tPLH
2
µs/div
DO
0V
0V
5V
5V
-1V
0
DI
VA - VB
Figure 23. MAX481E/MAX485E/MAX490E/MAX491E/
MAX1487E System Differential Voltage at 110kHz Driving
4000ft of Cable
2
µs/div
DO
0V
0V
5V
5V
-1V
1V
0
DI
VB - VA
Figure 24. MAX483E/MAX1487E–MAX489E System Differential
Voltage at 110kHz Driving 4000ft of Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com