Electronic Components Datasheet Search
  English  ▼

X  

MAX496 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX496
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX496 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX496 Datasheet HTML 1Page - Maxim Integrated Products MAX496 Datasheet HTML 2Page - Maxim Integrated Products MAX496 Datasheet HTML 3Page - Maxim Integrated Products MAX496 Datasheet HTML 4Page - Maxim Integrated Products MAX496 Datasheet HTML 5Page - Maxim Integrated Products MAX496 Datasheet HTML 6Page - Maxim Integrated Products MAX496 Datasheet HTML 7Page - Maxim Integrated Products MAX496 Datasheet HTML 8Page - Maxim Integrated Products MAX496 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VIN = 0V, RL = 150Ω, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ................................................. 12V
Voltage on Any Input Pin to GND ....(VCC + 0.3V) to (VEE - 0.3V)
Output Short-Circuit Current Duration ...............................60sec
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
RL = 50Ω
RL = 150Ω
VOUT = 0V
TA = TMIN to TMAX
TA = +25°C
MAX497
TA = TMIN to TMAX
MAX496
TA = +25°C
AVCL = +2, VOUT = ±1mV to ±2V
VEE = ±4.5V to ±5.5V, VCC = 5.0V
MAX496 (Note 1)
VCC = ±4.5V to ±5.5V, VEE = -5.0V
VOUT = 0V
VOUT = 0V
MAX496: -2V
≤ VIN ≤ +2V,
MAX497: -1V
≤ VIN ≤ +1V
MAX497 (Note 2)
CONDITIONS
V
±2.5
±3.3
VOUT
Output Voltage Swing
±2.8
±3.7
V
±4.50
±5.50
VS
Operating Supply Voltage Range
mA
45
ISY-
Negative Quiescent Supply
Current (Total)
32
37
mA
45
ISY+
Positive Quiescent Supply
Current (Total)
31
36
%
0.01
AVLIN
Gain Linearity
dB
60
78
PSRR-
Negative Power-Supply
Rejection Ratio (Change in VOS)
dB
55
74
PSRR+
Positive Power-Supply Rejection
Ratio (Change in VOS)
V/V
1.965
2.01
AV
Voltage Gain
mV
±1
±3
VOS
Input Offset Voltage
V
±1.4
±1.6
VIN
±2.8
±3.2
Input Voltage Range
1.975
2.01
0.983
1.00
0.988
1.00
pF
2
CIN
Input Capacitance
µV/°C
-10
TCVOS
Input Offset Voltage Drift
µA
±1
±5
IB
Input Bias Current
M
Ω
0.5
1.2
RIN
Input Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Output Resistance
ROUT
DC
0.1
Ω
Output Impedance
ZOUT
f = 10MHz
1.5
Ω
Short-Circuit Output Current
ISC
Short to ground or either supply voltage
170
mA
RL = 150Ω
RL = 50Ω
RL = 150Ω
RL = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com