Electronic Components Datasheet Search
  English  ▼

X  

ZD5221A Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD5221A
Description  Zener Diode Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5221A Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD5221A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5221A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5221A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5221A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5221A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5221A Datasheet HTML 6Page - Cystech Electonics Corp. ZD5221A Datasheet HTML 7Page - Cystech Electonics Corp. ZD5221A Datasheet HTML 8Page - Cystech Electonics Corp. ZD5221A Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C326N3
Issued Date : 2003.04.14
Revised Date : 2013.08.05
Page No. : 2/14
ZD52XXAN3 series
CYStek Product Specification
Electrical Characteristic(Cont.)
Nom. Zener Voltage
Max. Zener Impedance
Max. Zener
Current
Max. Reverse
Leakage Current
VZ@IZT(V)
ZZT
IZT
ZZK
IZK
IZM@Ta
IR
VR
Device
Type
Code
Nom.
Min
Max
(Ω) (mA)
(Ω)
(mA)
(mA)
(μA)
(V)
ZD5248A
8Y
18
17.64
18.36
21
7.0
600
0.25
25
0.1
14
ZD5250A
81A
20
19.60
20.40
25
6.2
600
0.25
23
0.1
15
ZD5251A
81B
22
21.56
22.44
29
5.6
600
0.25
21
0.1
17
ZD5252A
81C
24
23.52
24.48
33
5.2
600
0.25
19.1
0.1
18
ZD5254A
81E
27
26.46
27.54
41
5.0
600
0.25
16.8
0.1
21
ZD5255A
81F
28
27.44
28.56
44
4.5
600
0.25
16.2
0.1
21
ZD5256A
81G
30
29.40
30.60
49
4.2
600
0.25
15.1
0.1
23
ZD5257A
81H
33
32.34
33.66
58
3.8
700
0.25
13.8
0.1
25
ZD5258A
81J
36
35.28
36.72
70
3.4
700
0.25
12.6
0.1
27
ZD5259A
81K
39
38.22
39.78
80
3.2
800
0.25
11.6
0.1
30
ZD5260A
81L
43
42.14
43.86
93
3
900
0.25
10.6
0.1
33
* The VZ tolerance is ±2%.
Characteristic Curves
ZD5221A Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
Forward Voltage (mV)
ZD5221A Reverse Current vs Reverse Voltage
0
20
40
60
80
100
0
500
1000
1500
2000
2500
3000
3500
Reverse Voltage (mV)
ZD5222A Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
Forward Voltage (mV)
ZD5222A Reverse Current vs Reverse Voltage
0
20
40
60
80
100
0
500
1000
1500
2000
2500
3000
3500
Reverse Voltage (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com