Electronic Components Datasheet Search
  English  ▼

X  

MAX498 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX498
Description  Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX498 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX498 Datasheet HTML 8Page - Maxim Integrated Products MAX498 Datasheet HTML 9Page - Maxim Integrated Products MAX498 Datasheet HTML 10Page - Maxim Integrated Products MAX498 Datasheet HTML 11Page - Maxim Integrated Products MAX498 Datasheet HTML 12Page - Maxim Integrated Products MAX498 Datasheet HTML 13Page - Maxim Integrated Products MAX498 Datasheet HTML 14Page - Maxim Integrated Products MAX498 Datasheet HTML 15Page - Maxim Integrated Products MAX498 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Quad/Triple, SPDT, RGB Switches
with 250MHz Video Buffer Amplifiers
______________________________________________________________________________________
13
Another option for output disable is to connect LE to V+,
parallel the outputs of several MAX498/MAX499s, and use
E
—
N
–
to individually disable all devices but the one in use
(Figure 8b).
When the outputs are disabled, off-isolation from the
analog inputs to the amplifier outputs is typically 81dB
at 10MHz.
Grounding and Layout
The MAX498/MAX499 bandwidths are in the RF fre-
quency range. Depending on the size of the PC board
used and the frequency of operation, it may be neces-
sary to use Micro-strip or Stripline techniques.
To realize the full AC performance of these high-speed
buffers, pay careful attention to power-supply bypassing
and board layout. The PC board should have at least two
layers (wire-wrap boards are too inductive, and bread
boards are too capacitive), with one side a signal layer
and the other a large, low-impedance ground plane. With
multilayer boards, locate the ground plane on the layer
that is not dedicated to a specific signal trace. The ground
plane should be as free from voids as possible. Connect
all ground pins to the ground plane.
Connect both positive power-supply pins together and
bypass with a 0.10µF ceramic capacitor at each power-
supply pin, as close to the device as possible. Repeat
for the negative power-supply pins. The capacitor lead
lengths should be as short as possible to minimize lead
inductance; surface-mount chip capacitors are ideal. A
large-value (10µF or greater) tantalum or electrolytic
bypass capacitor on each supply may be required for
high-current loads. The location of this capacitor is not
critical.
The MAX498/MAX499’s analog input pins are isolated
with ground pins to minimize parasitic coupling, which can
degrade crosstalk and/or amplifier stability. Keep signal
paths as short as possible to minimize inductance. Ensure
that all input channel traces are the same length, to main-
tain the phase relationship between the four channels. To
further reduce crosstalk, connect the coaxial-cable shield
to the ground side of the 75
Ω terminating resistor at the
ground plane, and terminate all unused inputs to ground
and outputs with a 100
Ω or 150Ω resistor to ground.
Enables amplifier outputs. Selects
channel B.
1
0
0
Disables amplifiers. Outputs high-Z.
A0 latch = channel A.
X
1
X
Enables amplifier outputs. Latches A0
to output A or B, according to A0’s
state at C
—
S
–
’s last edge.
X
0
1
Enables amplifier outputs. Selects
channel A.
0
0
0
FUNCTION
A0
EN
CE
Latches A0,
EN. Outputs unchanged.
Enables amplifier outputs. Selects
channel B.
Enables amplifier outputs. Selects
channel A.
X
X
1
Disables amplifiers. Outputs high-Z.
X
1
0
1
0
0
0
0
0
FUNCTION
A0
EN
CS
Table 1a. Amplifier and Channel
Selection with LE = V+
Table 1b. Amplifier and Channel
Selection with LE = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com