Electronic Components Datasheet Search
  English  ▼

X  

TPS790 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS790
Description  ULTRALOW-POWER LOW-NOISE 50-mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS790 Datasheet(HTML) 2 Page - Texas Instruments

  TPS790 Datasheet HTML 1Page - Texas Instruments TPS790 Datasheet HTML 2Page - Texas Instruments TPS790 Datasheet HTML 3Page - Texas Instruments TPS790 Datasheet HTML 4Page - Texas Instruments TPS790 Datasheet HTML 5Page - Texas Instruments TPS790 Datasheet HTML 6Page - Texas Instruments TPS790 Datasheet HTML 7Page - Texas Instruments TPS790 Datasheet HTML 8Page - Texas Instruments TPS790 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS79015, TPS79018, TPS79025, TPS79028, TPS79030
ULTRALOW-POWER LOW-NOISE 50-mA
LOW-DROPOUT LINEAR REGULATORS
SLVS299B – SEPTEMBER 2000 – REVISED MAY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TPS790xx also features a logic-enabled sleep mode to shut down the regulator, reducing quiescent current
to 1
µA typical at TJ = 25°C. The TPS790xx is offered in 1.5 V, 1.8 V, 2.5 V, 2.8 V, 3.0 V.
AVAILABLE OPTIONS
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
1.5 V
TPS79015DBVT†
TPS79015DBVR‡
PEBI
1.8 V
SOT 23
TPS79018DBVT†
TPS79018DBVR‡
PECI
–40
°C to 125°C
2.5 V
SOT-23
(DBV)
TPS79025DBVT†
TPS79025DBVR‡
PEDI
2.8 V
(DBV)
TPS79028DBVT†
TPS79028DBVR‡
PEEI
3.0 V
TPS79030DBVT†
TPS79030DBVR‡
PEFI
† The DBVT indicates tape and reel of 250 parts.
‡ The DBVR indicates tape and reel of 3000 parts.
functional block diagram
TPS79015/18/25/28/30
OUT
IN
GND
EN
Vref
Current Limit
/ Thermal
Protection
Bypass
150 k
Ω
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
4
I
Bypass
EN
3
I
Enable input
GND
2
Ground
IN
1
I
Input supply voltage
OUT
5
O
Regulated output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com