Electronic Components Datasheet Search
  English  ▼

X  

TPS792 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS792
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS792 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS792 Datasheet HTML 6Page - Texas Instruments TPS792 Datasheet HTML 7Page - Texas Instruments TPS792 Datasheet HTML 8Page - Texas Instruments TPS792 Datasheet HTML 9Page - Texas Instruments TPS792 Datasheet HTML 10Page - Texas Instruments TPS792 Datasheet HTML 11Page - Texas Instruments TPS792 Datasheet HTML 12Page - Texas Instruments TPS792 Datasheet HTML 13Page - Texas Instruments TPS792 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TPS79201, TPS79225
TPS79228, TPS79230
SLVS337B – MARCH 2001 – REVISED MAY 2002
www.ti.com
10
OUTPUT VOLTAGE
PROGRAMMING GUIDE
VO
VI
OUT
FB
R1
R2
GND
EN
IN
≤ 0.7 V
≥ 2 V
TPS79201
1
µF
BYPASS
0.01
µF
1
µF
C1
22 pF
15 pF
15 pF
OUTPUT
VOLTAGE
R1
R2
2.5 V
3.3 V
3.6 V
C1
33.4 k
Ω
53.6 k
Ω
59 k
Ω
30.1 k
Ω
30.1 k
Ω
30.1 k
Ω
Figure 23. TPS79201 Adjustable LDO Regulator Programming
REGULATOR PROTECTION
The TPS792xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input voltage drops
below the output voltage (e.g., during power down). Current is conducted from the output to the input and is not internally
limited. If extended reverse voltage operation is anticipated, external limiting might be appropriate.
The TPS792xx features internal current limiting and thermal protection. During normal operation, the TPS792xx limits
output current to approximately 400 mA. When current limiting engages, the output voltage scales back linearly until the
overcurrent condition ends. While current limiting is designed to prevent gross device failure, care should be taken not to
exceed the power dissipation ratings of the package or the absolute maximum voltage ratings of the device. If the
temperature of the device exceeds approximately 165
°C, thermal-protection circuitry shuts it down. Once the device has
cooled down to below approximately 140
°C, regulator operation resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com