Electronic Components Datasheet Search
  English  ▼

X  

TPS797 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS797
Description  Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS797 Datasheet(HTML) 2 Page - Texas Instruments

  TPS797 Datasheet HTML 1Page - Texas Instruments TPS797 Datasheet HTML 2Page - Texas Instruments TPS797 Datasheet HTML 3Page - Texas Instruments TPS797 Datasheet HTML 4Page - Texas Instruments TPS797 Datasheet HTML 5Page - Texas Instruments TPS797 Datasheet HTML 6Page - Texas Instruments TPS797 Datasheet HTML 7Page - Texas Instruments TPS797 Datasheet HTML 8Page - Texas Instruments TPS797 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TPS797xx
SLVS332I – MARCH 2001 – REVISED OCTOBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TPS797xx yy yz
XX is nominal output voltage (for example, 25 = 2.5V).
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Output voltages from 1.25V to 4.9V in 50mV increments are available through the use of probe level programming; minimum order
quantities may apply. Contact factory for details and availability.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating junction temperature range, unless otherwise noted.
Input voltage range(2)
–0.3V to 6V
Maximum dc output voltage
4.9V
Peak output current
Internally limited
ESD rating, HBM
2kV
ESD rating, CDM
500V
Continuous total power dissipation
See Dissipation Ratings Table
Operating virtual junction temperature range, TJ
–40°C to +85°C
Storage temperature range, TSTG
–65°C to +150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
PACKAGE DISSIPATION RATINGS
RθJC
RθJA
DERATING FACTOR
TA ≤ +25°C
TA = +70°C
TA = +85°C
BOARD
PACKAGE
°C/W
°C/W
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
Low K(1)
DCK
165.39
396.24
2.52mW/°C
252mW
139mW
101mW
High K(2)
DCK
165.39
314.74
3.18mW/°C
318mW
175mW
127mW
(1)
The JEDEC low K (1s) board design used to derive this data was a 3-inch × 3-inch, two layer board with 2 ounce copper traces on top
of the board.
(2)
The JEDEC high K (2s2p) board design used to derive this data was a 3-inch × 3-inch, multilayer board with 1 ounce internal power and
ground planes and 2 ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com