Electronic Components Datasheet Search
  English  ▼

X  

SAT600 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SAT600
Description  AC/DC input control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT600 Datasheet(HTML) 1 Page - Solid State Optronic

  SAT600 Datasheet HTML 1Page - Solid State Optronic SAT600 Datasheet HTML 2Page - Solid State Optronic SAT600 Datasheet HTML 3Page - Solid State Optronic SAT600 Datasheet HTML 4Page - Solid State Optronic SAT600 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SAT600
AC Input
Optocoupler
The SAT600 consists of a phototransistor optically coupled to a pair of light emitting diodes for AC input operation. Optical coupling
between the input LEDs and output phototransistor allows for high isolation levels while maintaining low-level AC signal control capability.
The SAT600 provides an optically isolated method of controlling many interface applications such as telecommunications, industrial
control and instrumentation circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
AC/DC input control
•
High input-to-isolation package (5000 Vrms)
•
Low input power consumption
•
High stability
•
6 Pin DIP Package w/ Output for Base Connection
•
Home Appliances
•
Office Automation Equipment
•
Telecom / Datacom
•
Vending Machines
•
Power Supplies
•
.04" (10.16mm) lead spacing (VDE 0884)
• -H
Surface Mount Leadform Option
• -S
Tape and Reel Option
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
100
Continuous Input Current
mA
50
Transient Input Current
A
1
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
•
VDE Approved, Lic. # 40011227
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
SAT600
rev 1.4
1 (06/15/2007)
© 200
7 Solid State Optronics • San José, CA
•
1. Anode, Cathode
2. Anode, Cathode
3. NC
4. Emitter
5. Collector
6. Base
UL / C-UL
Approved, Fie # E201932
1
2
5
6
4
3


Similar Part No. - SAT600

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SAT600 SOLIDSTATE-SAT600 Datasheet
721Kb / 5P
Home Appliances
rev 1.41
More results

Similar Description - SAT600

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9766FV ROHM-BD9766FV Datasheet
325Kb / 6P
DC-AC Inverter Control IC
BD9884FV ROHM-BD9884FV Datasheet
227Kb / 6P
DC-AC Inverter Control IC
BD9886FV ROHM-BD9886FV Datasheet
220Kb / 6P
DC-AC Inverter Control IC
BD9888F ROHM-BD9888F Datasheet
378Kb / 6P
DC-AC Inverter Control IC
BD9889FV ROHM-BD9889FV Datasheet
361Kb / 6P
DC-AC Inverter Control IC
BD9883FV ROHM-BD9883FV Datasheet
221Kb / 6P
DC-AC Inverter Control IC
BD9887FS ROHM-BD9887FS Datasheet
401Kb / 6P
DC-AC Inverter Control IC
BD9890F ROHM-BD9890F Datasheet
390Kb / 6P
DC-AC Inverter Control IC
BD9890FV ROHM-BD9890FV Datasheet
388Kb / 6P
DC-AC Inverter Control IC
logo
Grayhill, Inc
70-IDC5G GRAYHILL-70-IDC5G Datasheet
118Kb / 2P
AC/DC Input Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com