Electronic Components Datasheet Search
  English  ▼

X  

MAX494CPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX494CPD
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX494CPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX494CPD Datasheet HTML 1Page - Maxim Integrated Products MAX494CPD Datasheet HTML 2Page - Maxim Integrated Products MAX494CPD Datasheet HTML 3Page - Maxim Integrated Products MAX494CPD Datasheet HTML 4Page - Maxim Integrated Products MAX494CPD Datasheet HTML 5Page - Maxim Integrated Products MAX494CPD Datasheet HTML 6Page - Maxim Integrated Products MAX494CPD Datasheet HTML 7Page - Maxim Integrated Products MAX494CPD Datasheet HTML 8Page - Maxim Integrated Products MAX494CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
_______________________________________________________________________________________
5
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 6V, VEE = GND, VCM = 0V, VOUT = VCC / 2, TA = -55°C to +125°C, unless otherwise noted.)
225
VCM = VEE to VCC
µV/°C
VCM = VOUT = VCC / 2
VCM = VEE to VCC
VCM = VEE to VCC
VCC = 2.7V
VOH
VOH
VCC = 2.7V, RL = 1kΩ,
VOUT = 0.5V to 2.2V
VCC = 2.7V, RL = 100kΩ,
VOUT = 0.25V to 2.45V
VOL
VOL
VCC = 2.7V to 6V
Sourcing
VCC = 5V
RL = 1kΩ
(VEE - 0.05V) ≤ VCM ≤ (VCC + 0.05V)
RL = 100kΩ
CONDITIONS
±2
Input Offset Voltage Tempco
Sinking
Sourcing
Sinking
72
µA
200
VEE + 0.250
Supply Current (per amplifier)
V
2.7
6.0
Operating Supply-Voltage Range
90
VCC - 0.250
VEE + 0.075
VCC = 5.0V, RL = 100kΩ,
VOUT = 0.25V to 4.75V
Sourcing
Sinking
82
V
VCC - 0.075
Output Voltage Swing
(Note 1)
nA
±10
Input Offset Current
nA
±200
86
mV
±1.2
Input Offset Voltage
Input Bias Current
VCC = 5.0V, RL = 1kΩ,
VOUT = 0.5V to 4.5V
80
Sourcing
dB
82
Sinking
Large-Signal Voltage Gain
(Note 1)
dB
80
76
Power-Supply Rejection Ratio
94
V
VEE - 0.05
VCC + 0.05
Common-Mode Input Voltage Range
66
UNITS
MIN
TYP
MAX
PARAMETER
Note 1: RL to VEE for sourcing and VOH tests; RL to VCC for sinking and VOL tests.
dB
Common-Mode Rejection Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com