Electronic Components Datasheet Search
  English  ▼

X  

MAX494CSD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX494CSD
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX494CSD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX494CSD Datasheet HTML 5Page - Maxim Integrated Products MAX494CSD Datasheet HTML 6Page - Maxim Integrated Products MAX494CSD Datasheet HTML 7Page - Maxim Integrated Products MAX494CSD Datasheet HTML 8Page - Maxim Integrated Products MAX494CSD Datasheet HTML 9Page - Maxim Integrated Products MAX494CSD Datasheet HTML 10Page - Maxim Integrated Products MAX494CSD Datasheet HTML 11Page - Maxim Integrated Products MAX494CSD Datasheet HTML 12Page - Maxim Integrated Products MAX494CSD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
_______________________________________________________________________________________
9
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, VCC = 5V, VEE = 0V, unless otherwise noted.)
VIN
2V/div
VOUT
2V/div
VCC = +5V, AV = -1, RL = 10kΩ
50
µs/div
LARGE-SIGNAL TRANSIENT RESPONSE
VIN
2V/div
VOUT
2V/div
VCC = +5V, AV = +1, RL = 10kΩ
50
µs/div
LARGE-SIGNAL TRANSIENT RESPONSE
______________________________________________________________Pin Description
Amplifier Output
OUT
—
Amplifier 2 Inverting Input
IN2-
6
Amplifier 2 Output
OUT2
7
Positive Power-Supply Pin. Connect to (+) terminal of power supply.
VCC
8
Amplifier 3 Output
OUT3
—
Noninverting Input
IN+
—
Amplifier 1 Noninverting Input
IN1+
3
Negative Power-Supply Pin. Connect to ground or a negative voltage.
VEE
4
Amplifier 2 Noninverting Input
IN2+
5
Amplifier 1 Inverting Input
IN1-
2
Inverting Input
IN-
—
Offset Null Input. Connect to a 10k
Ω potentiometer for offset-voltage trimming.
Connect wiper to VEE (Figure 3).
NULL
—
Amplifier 1 Output
OUT1
1
FUNCTION
MAX492
NAME
—
6
7
4
8
—
3
11
5
2
—
—
1
MAX494
6
—
—
7
—
3
—
4
—
—
2
PIN
1, 5
—
MAX495
Amplifier 3 Inverting Input
IN3-
—
Amplifier 3 Noninverting Input
IN3+
—
Amplifier 4 Noninverting Input
IN4+
—
9
10
12
—
—
—
Amplifier 4 Inverting Input
IN4-
—
Amplifier 4 Output
OUT4
—
No Connect. Not internally connected.
N.C.
—
13
14
—
—
—
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com