Electronic Components Datasheet Search
  English  ▼

X  

IRHMS67264 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHMS67264
Description  Simple Drive Requirements
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS67264 Datasheet(HTML) 3 Page - International Rectifier

  IRHMS67264 Datasheet HTML 1Page - International Rectifier IRHMS67264 Datasheet HTML 2Page - International Rectifier IRHMS67264 Datasheet HTML 3Page - International Rectifier IRHMS67264 Datasheet HTML 4Page - International Rectifier IRHMS67264 Datasheet HTML 5Page - International Rectifier IRHMS67264 Datasheet HTML 6Page - International Rectifier IRHMS67264 Datasheet HTML 7Page - International Rectifier IRHMS67264 Datasheet HTML 8Page - International Rectifier IRHMS67264 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
Pre-Irradiation
IRHMS67264, 2N7586T1
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Fig a. Typical Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
1. Part numbers IRHMS67264 and IRHMS63264
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
Parameter
Up to 300K Rads (Si)
Units
Test Conditions
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
250
—
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
—
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
—
10
µA
VDS= 200V, VGS= 0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-3)
—
0.041
Ω
VGS = 12V, ID = 28.5A
RDS(on)
Static Drain-to-Sourcee On-State
„
VSD
Diode Forward Voltage
„
—
1.2
V
VGS = 0V, ID = 45A
Resistance (Low Ohmic TO-254AA)
—
0.041
Ω
VGS = 12V, ID = 28.5A
1
Table 2. Typical Single Event Effect Safe Operating Area
LET
Energy
Range
VDS (V)
(MeV/(mg/cm2))
(MeV)
(µm)
@VGS=
@VGS=
@VGS=
@VGS=
@VGS=
0V
-5V
-10V
-15V
-20V
44 ± 5%
1350 ± 5%
125 ± 10%
250
250
250
250
40
61 ± 5%
825 ± 5%
66 ± 7.5%
250
250
250
50
-
90 ± 5%
1470 ± 5%
80 ± 5%
75
75
-
-
-
0
50
100
150
200
250
300
-20
-15
-10
-5
0
Bias VGS (V)
LET=44 ± 5%
LET=61 ± 5%
LET=90 ± 5%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com