Electronic Components Datasheet Search
  English  ▼

X  

MAX485ECSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX485ECSA
Description  짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX485ECSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX485ECSA Datasheet HTML 1Page - Maxim Integrated Products MAX485ECSA Datasheet HTML 2Page - Maxim Integrated Products MAX485ECSA Datasheet HTML 3Page - Maxim Integrated Products MAX485ECSA Datasheet HTML 4Page - Maxim Integrated Products MAX485ECSA Datasheet HTML 5Page - Maxim Integrated Products MAX485ECSA Datasheet HTML 6Page - Maxim Integrated Products MAX485ECSA Datasheet HTML 7Page - Maxim Integrated Products MAX485ECSA Datasheet HTML 8Page - Maxim Integrated Products MAX485ECSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX481E, MAX483E, MAX485E, MAX487E–MAX491E,
and MAX1487E are low-power transceivers for RS-485 and
RS-422 communications in harsh environments. Each driver
output and receiver input is protected against ±15kV electro-
static discharge (ESD) shocks, without latchup. These parts
contain one driver and one receiver. The MAX483E,
MAX487E, MAX488E, and MAX489E feature reduced slew-
rate drivers that minimize EMI and reduce reflections caused
by improperly terminated cables, thus allowing error-free
data transmission up to 250kbps. The driver slew rates of the
MAX481E, MAX485E, MAX490E, MAX491E, and MAX1487E
are not limited, allowing them to transmit up to 2.5Mbps.
These transceivers draw as little as 120µA supply current
when unloaded or when fully loaded with disabled drivers
(see
Selection Table). Additionally, the MAX481E,
MAX483E, and MAX487E have a low-current shutdown
mode in which they consume only 0.5µA. All parts operate
from a single +5V supply.
Drivers are short-circuit current limited, and are protected
against excessive power dissipation by thermal shutdown
circuitry that places their outputs into a high-impedance
state. The receiver input has a fail-safe feature that guaran-
tees a logic-high output if the input is open circuit.
The MAX487E and MAX1487E feature quarter-unit-load
receiver input impedance, allowing up to 128 transceivers
on the bus. The MAX488E–MAX491E are designed for full-
duplex communications, while the MAX481E, MAX483E,
MAX485E, MAX487E, and MAX1487E are designed for half-
duplex applications. For applications that are not ESD sen-
sitive see the pin- and function-compatible MAX481,
MAX483, MAX485, MAX487–MAX491, and MAX1487.
________________________Applications
Low-Power RS-485 Transceivers
Low-Power RS-422 Transceivers
Level Translators
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
____________________________Features
o ESD Protection: ±15kV—Human Body Model
o Slew-Rate Limited for Error-Free Data
Transmission (MAX483E/487E/488E/489E)
o Low Quiescent Current:
120µA (MAX483E/487E/488E/489E)
230µA (MAX1487E)
300µA (MAX481E/485E/490E/491E)
o -7V to +12V Common-Mode Input Voltage Range
o Three-State Outputs
o 30ns Propagation Delays, 5ns Skew
(MAX481E/485E/490E/491E/1487E)
o Full-Duplex and Half-Duplex Versions Available
o Allows up to 128 Transceivers on the Bus
(MAX487E/MAX1487E)
o Current Limiting and Thermal Shutdown for
Driver Overload Protection
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
________________________________________________________________
Maxim Integrated Products
1
MAX481E
MAX483E
MAX485E
MAX487E
MAX488E
MAX489E
MAX490E
MAX491E
MAX1487E
PART
NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED
LOW-POWER
SHUTDOWN
RECEIVER/
DRIVER
ENABLE
QUIESCENT
CURRENT
(
µA)
NUMBER OF
TRANSMITTERS
ON BUS
PIN
COUNT
Half
Half
Half
Half
Full
Full
Full
Full
Half
2.5
0.25
2.5
0.25
0.25
0.25
2.5
2.5
2.5
No
Yes
No
Yes
Yes
Yes
No
No
No
Yes
Yes
No
Yes
No
No
No
No
No
Yes
Yes
Yes
Yes
No
Yes
No
Yes
Yes
300
120
300
120
120
120
300
300
230
32
32
32
128
32
32
32
32
128
8
8
8
8
8
14
8
14
8
______________________________________________________________Selection Table
19-0410; Rev 3; 7/96
______________Ordering Information
Ordering Information continued on last page.
8 SO
0°C to +70°C
MAX481ECSA
8 Plastic DIP
0°C to +70°C
MAX481ECPA
PIN-PACKAGE
TEMP. RANGE
PART
8 SO
-40°C to +85°C
MAX481EESA
8 Plastic DIP
-40°C to +85°C
MAX481EEPA
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX485ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX485E MAXIM-MAX485E Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Guangdong Youtai Semico...
MAX485E UMW-MAX485E Datasheet
394Kb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
EVER SEMICONDUCTOR CO.,...
MAX485E EVVOSEMI-MAX485E Datasheet
414Kb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev:2023A2
logo
Maxim Integrated Produc...
MAX485EPA MAXIM-MAX485EPA Datasheet
439Kb / 19P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX485ESA MAXIM-MAX485ESA Datasheet
439Kb / 19P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
More results

Similar Description - MAX485ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com