Electronic Components Datasheet Search
  English  ▼

X  

MAX494 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX494
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX494 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX494 Datasheet HTML 1Page - Maxim Integrated Products MAX494 Datasheet HTML 2Page - Maxim Integrated Products MAX494 Datasheet HTML 3Page - Maxim Integrated Products MAX494 Datasheet HTML 4Page - Maxim Integrated Products MAX494 Datasheet HTML 5Page - Maxim Integrated Products MAX494 Datasheet HTML 6Page - Maxim Integrated Products MAX494 Datasheet HTML 7Page - Maxim Integrated Products MAX494 Datasheet HTML 8Page - Maxim Integrated Products MAX494 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 6V, VEE = GND, VCM = 0V, VOUT = VCC / 2, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................................7V
Common-Mode Input Voltage..........(VCC + 0.3V) to (VEE - 0.3V)
Differential Input Voltage .........................................±(VCC - VEE)
Input Current (IN+, IN-, NULL1, NULL2) ..........................±10mA
Output Short-Circuit Duration ....................Indefinite short circuit
to either supply
Voltage Applied to NULL Pins ....................................VCC to VEE
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C).........640mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)...800mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C).......727mW
Operating Temperature Ranges
MAX49_C_ _ ........................................................0°C to +70°C
MAX49_E_ _......................................................-40°C to +85°C
MAX49_M_ _ ...................................................-55°C to +125°C
Junction Temperatures
MAX49_C_ _/E_ _..........................................................+150°C
MAX49_M_ _ .................................................................+175°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCM = VEE to VCC
VCM = VOUT = VCC / 2
VCM = VEE to VCC
VCM = VEE to VCC
VCC = 2.7V,
RL = 100kΩ,
VOUT = 0.25V to 2.45V
VCC = 2.7V to 6V
(VEE - 0.25V) ≤ VCM ≤ (VCC + 0.25V)
RL = 100kΩ
CONDITIONS
µA
135
150
Supply Current (per amplifier)
V
2.7
6.0
Operating Supply Voltage Range
mA
30
Output Short-Circuit Current
VEE + 0.04 VEE + 0.075
V
VCC - 0.075 VCC - 0.04
Output Voltage Swing
(Note 1)
nA
±0.5
±6
Input Offset Current
nA
±25
±60
µV
±200
±500
Input Offset Voltage
Input Bias Current
90
102
dB
90
104
Large-Signal Voltage Gain
(Note 1)
dB
88
110
Power-Supply Rejection Ratio
M
Ω
2
Differential Input Resistance
V
VEE - 0.25
VCC + 0.25
Common-Mode Input
Voltage Range
74
90
UNITS
MIN
TYP
MAX
PARAMETER
Sourcing
Sinking
VCC = 2.7V, RL = 1kΩ,
VOUT = 0.5V to 2.2V
Sourcing
Sinking
78
90
94
105
VCC = 5.0V,
RL = 100kΩ,
VOUT = 0.25V to 4.75V
Sourcing
Sinking
92
100
98
108
VCC = 5.0V, RL = 1kΩ,
VOUT = 0.5V to 4.5V
Sourcing
Sinking
86
98
98
110
VOH
VOL
VOH
VOL
RL = 1kΩ
VEE + 0.15 VEE + 0.20
VCC - 0.20 VCC - 0.15
150
170
VCC = 2.7V
VCC = 5V
Common-Mode Rejection Ratio
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com