Electronic Components Datasheet Search
  English  ▼

X  

ICS8305I Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS8305I
Description  Maximum output frequency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8305I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS8305I Datasheet HTML 4Page - Integrated Device Technology ICS8305I Datasheet HTML 5Page - Integrated Device Technology ICS8305I Datasheet HTML 6Page - Integrated Device Technology ICS8305I Datasheet HTML 7Page - Integrated Device Technology ICS8305I Datasheet HTML 8Page - Integrated Device Technology ICS8305I Datasheet HTML 9Page - Integrated Device Technology ICS8305I Datasheet HTML 10Page - Integrated Device Technology ICS8305I Datasheet HTML 11Page - Integrated Device Technology ICS8305I Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8305AGI
www.idt.com
REV. B SEPTEMBER 17, 2012
8
ICS8305I
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/
LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
PART-TO-PART SKEW
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
V
CMR
Cross Points
V
PP
GND
CLK
nCLK
V
DD
tsk(pp)
V
DDO
2
V
DDO
2
Qx
Qy
PART 1
PART 2
-1.65V±5%
1.65V±5%
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
-1.25V±5%
1.25V±5%
SCOPE
Qx
LVCMOS
-0.9V±0.075V
0.9V±0.075V
V
DD
V
DDO
2.4V±0.09V
SCOPE
Qx
LVCMOS
V
DD
V
DDO
2.05V±5%
VDD,
VDDO
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com