Electronic Components Datasheet Search
  English  ▼

X  

99032 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 99032
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99032 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  99032 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99032 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99032 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99032 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99032 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
10W 295mm 12V AC Electronic Linear Module
AC LED Technology by Lynk Labs
Compatible with Phase-cut Dimmers
5 yr. Warranty when used with TRP 12V AC power supply
12W 295mm 12V AC LED Module - Specifications
Model
Number
Input
Power (W)
Input
Voltage (Vac)
Color
Temp (K)
Lumens
LPW
99031
10
12
2200
638
64
99264
10
12
2700
653
65
99032
10
12
3000
660
66
99265
10
12
3500
673
67
99033
10
12
4000
680
68
99034
10
12
5000
696
70
99035
10
12
5700
706
71
Applications
• Linear Lighting
• Cove Lighting
• Under Cabinet Lights
• Step Lights
• Accent Lights
• Garden Lights
• Display Lights
Features
• Compatible with existing electronic 12V AC Power Supplies
• Polarity Independent
• Reliable, fast and easy - “Plug & Play”
• Compatible with most existing leading edge
or trailing edge phase cut AC Dimmers
• High Power Efficiency
• High Power Factor
• Significant Energy Savings
• Durable Light Source
• Long Operating life
Dimensions:
295 ±0.254 mm L x 10 ±0.254mm W x 2mm ±10% H
Specifications
Drive Voltage:
Power with TRP #99002, 99004
or 99006 electronic transformer.
Not to exceed 13V.
AC Current:
840mA @25ºC typical; 1167mA max
Power Dissipation:
11.8W typical; 147W max
Life:
50,000 Hrs, if used as specified
Luminous Flux:
660 lm @3000K
Luminous Efficacy:
66 LPW ±10% @3000K
Viewing Angle:
120 deg
Operating Temp:
-25ºC to +100ºC
Storage Temp:
-40ºC to +100ºC
Soldering Temp:
370ºC
0.0
4.9
4.9
Modules can be daisy-chained, limit of 4 per chain.
Rev 4-9-15
Low voltage AC LED modules offer an effective replacement for
incandescent, Xenon or Halogen lamps. Patented AC LED technology
eliminates the need for an AC-DC driver. Compatible with existing
magnetic or electronic 12V AC power supplies.


Similar Part No. - 99032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9903 ETC2-9903 Datasheet
34Kb / 3P
4 Pairs, 3 - 28 AWG (7x32) tinned copper conductors, 1 - 24 AWG (7x36), all individually shielded, overall isolated Duofoil
logo
Belden Inc.
9903 BELDEN-9903 Datasheet
145Kb / 2P
Transceiver 10BASE5, #28-3pr, #24-1pr, PO, Isolated Shields, PVC Jkt, CMG
03-04-2023
logo
Keystone Electronics Co...
9903 KEYSTONE-9903 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
9903 KEYSTONE-9903 Datasheet
270Kb / 1P
PHILIPS PAN HEAD SCREW
logo
Coto Technology
9903-05-00 COTO-9903-05-00 Datasheet
294Kb / 2P
Surface Mount Reed Relays
More results

Similar Description - 99032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99191 ETC2-99191 Datasheet
749Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99186 ETC2-99186 Datasheet
1,010Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99011 ETC2-99011 Datasheet
752Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99016 ETC2-99016 Datasheet
788Kb / 5P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99036 ETC2-99036 Datasheet
765Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99222 ETC2-99222 Datasheet
720Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99041 ETC2-99041 Datasheet
971Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99071 ETC2-99071 Datasheet
956Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com